Electronic Components Datasheet Search
  English  ▼

X  

84110331 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # 84110331
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84110331 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button 84110331 Datasheet HTML 17Page - List of Unclassifed Manufacturers 84110331 Datasheet HTML 18Page - List of Unclassifed Manufacturers 84110331 Datasheet HTML 19Page - List of Unclassifed Manufacturers 84110331 Datasheet HTML 20Page - List of Unclassifed Manufacturers 84110331 Datasheet HTML 21Page - List of Unclassifed Manufacturers 84110331 Datasheet HTML 22Page - List of Unclassifed Manufacturers 84110331 Datasheet HTML 23Page - List of Unclassifed Manufacturers 84110331 Datasheet HTML 24Page - List of Unclassifed Manufacturers 84110331 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
4/52
4
Other information
To order, specify :
C4IAC
84 116 110
120 V a
90 - 140 V a
22 k
Ω
14
3
2.5
50 V a
4.5 - 30
4.5 - 30
25
7
50
10
0.2
-30 +80
-40 +100
20
20
4000
47 - 63
s
New industrial standard
s
Status display LED
s
Single channel plug-in module
s
Input : 110 V
a
a or 240 V a
a
10-32 V
c
c or 4-16 V c
c
s
Regulated output : 4.5 to 30 V
c
c
Input modules - C4 range
Types
Part numbers
Input characteristics (at ambient 25 °C)
Nominal control voltage
Operating voltage range
Max input resistance
Max input current
Current drop
Min turn-on current
Min turn-on voltage
Output characteristics (at ambient 25 °C)
Logic voltage
Logic voltage range
Max logic current
Max I power supply output in OFF state
Max output transistor current
Max leakage current
Residual voltage
General characteristics
Temperature
Use
limits
Stored
Response time
Turn-on
Turn-off
I/O isolation
Operating frequency
Wiring diagram
mA
mA
mA
V c
V c
mA
µA
mA
µA
V c
°C
°C
ms
ms
V a
Hz
C4IACA
84 116 111
240 V a
140 - 280 V a
75 k
Ω
5
1
0.7
50 V a
4.5 - 30
4.5 - 30
25
7
50
10
0.2
-30 +80
-40 +100
20
20
4000
47 - 63
C4IDC
84 116 210
10 - 32 V c
10 - 32 V c
2 k
Ω
20
1.5
1
3 V c
4.5 - 30
4.5 - 30
25
7
50
10
0.2
-30 +80
-40 +100
5
5
4000
c
C4IDCB
84 116 211
4 - 16 V c
4 - 16 V c
400
Ω
40
1
0.7
1 V a
4.5 - 30
4.5 - 30
25
7
50
10
0.2
-30 +80
-40 +100
0.05
0.1
4000
c
2
1
4
5
4,7k
+
+
3
R1
Rc
5,08
41,15
44,45
38,10
3,56
5,08
12
1
UL approved (E46203) / CSA certified (38595)
For mounting boards, see pages 4/79 to 4/83.
Standard products
Part number
Example : Input module - C4 range -
84 116 110
1
Input V a
or V c
Logic power
supply c
Logic ground
(common)
V c
Mounting board
Screw terminal
LED
Connector
Module
Dimensions
Output
Fixing
screws Ø4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com