Electronic Components Datasheet Search
  English  ▼

X  

84110331 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 84110331
Description  SIMM Series Input Modules
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

84110331 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button 84110331 Datasheet HTML 5Page - List of Unclassifed Manufacturers 84110331 Datasheet HTML 6Page - List of Unclassifed Manufacturers 84110331 Datasheet HTML 7Page - List of Unclassifed Manufacturers 84110331 Datasheet HTML 8Page - List of Unclassifed Manufacturers 84110331 Datasheet HTML 9Page - List of Unclassifed Manufacturers 84110331 Datasheet HTML 10Page - List of Unclassifed Manufacturers 84110331 Datasheet HTML 11Page - List of Unclassifed Manufacturers 84110331 Datasheet HTML 12Page - List of Unclassifed Manufacturers 84110331 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 50 page
background image
For other products, consult our specialist catalogues… For other products, consult our specialist catalogues…
1
4
6
Solid state relays
G range
For accessories see page 4/9 and 4/10
For dimensions see page 4/8
To order
s
Current from 10 to 90 A
s
Output voltages from 24 to 660 V~
s
Back-to-back SCRs
s
Input voltage 90-280 V
a c or 3-32 V c
s
Peak voltage up to 1200 V
s
Zero voltage or instantaneous switching
s
Input to output insulation voltage: 4000 V
s
Protection by RC filter
s
UL recognised and CSA approved
Version
Rating
Output voltages
Input voltages
Peak voltages
Part number
Thermal curves
G range, 24 • 280 V
a 10 A
G range, 36 • 530 V
a 10 A
G range, 24 • 280 V
a 25 A
20
16
12
8
4
3
6
9
12
10
20 30 40
50 60 70
2°C
/ W
3°C
/ W
4°C
/ W
5°C
/ W
8°C
/ W
6°C
/ W
7°C
/ W
10°C
/ W
20°C
/ W
95
100
105
110
115
120
80
0
On-state current (A)
Ambient temperature
(° C)
On-state current
(A)
Ambient temperature
(° C)
No heatsink
100
110
15
10
5
0
2
4
6
8 10 10 20 3040 5060 7080
3°
C /
W
5°C
/ W
10
°C / W
120
510
15
20
1°C
/ W
4°C
/ W
3°C
/ W
10
20
30
0
10 203040506070 80
G range, 36 • 530 V
a, 48 • 660 V a 25 A
G range, 24 • 280 V
a 45 A
G range, 36 • 530 V
a, 48 • 660 V a 50 A
30
25
20
15
10
5
70
80
90
100
110
80
0
5
10
15
20
10 20 30 40
50 60 70
120
1°C
/ W
2°C
/ W
3°C
/ W
5°C
/ W
G range, 75 A
G range, 90 A
20
40
60
80
100
112
0 5
15 25
55 65
35 45
10 20 30 40 50 60 70 80
1°C
/ W
2
°C
/ W
5
15
25
35
45
55
65
75
85
95
105
115
125
135
0 1020 30 4050607080
10 20 30 40 50 60 70 80
1°C
/ W
1
°C /
W
2
°C
/ W
5
10
15
20
25
30
35
40
45
50
55
0
5 10 15 20 25 30 35 40
10 20 30 40 50 60 70 80
2°C
/ W
3°C
/ W
20
40
60
80
1°C
/ W
2
°C
/ W
0 5 10 15 20 25 30 35 40 45
10 20 30 40 50 60 70 80
On-state current (A)
Ambient temperature
(° C)
On-state current
(A)
Ambient temperature
(° C)
No heatsink
No heatsink
On-state current (A)
Ambient temperature
(° C)
On-state current (A)
Ambient temperature
(° C)
On-state current (A)
Ambient temperature
(° C)
On-state current (A)
Ambient temperature
(° C)
Zero voltage switching
10 A
24 • 280 V
a
3 • 32 V
c
600 V
90 • 280 V
a c
600 V
36 • 530 V
a
3 • 32 V
c
1200 V
25 A
24 • 280 V
a
3 • 32 V
c
600 V
24 • 280 V
a
90 • 280 V
a c
600 V
36 • 530 V
a
3 • 32 V
c
1200 V
45 A
24 • 280 V
a
3 • 32 V
c
600 V
90 • 280 V
a c
600 V
50 A
36 • 530 V
a
3 • 32 V
c
1200 V
90 • 280 V
a c
1200 V
48 • 660 V
a
3 • 32 V
c
1200 V
75 A
24 • 280 V
a
3 • 32 V
c
600 V
90 • 280 V
a c
600 V
36 • 530 V
a
3 • 32 V
c
1200 V
90 A
36 • 530 V
a
3 • 32 V
c
1200 V
84 060 231
84 060 233
84 060 241
84 060 431
84 060 433
84 060 441
84 060 631
84 060 633
84 060 741
84 060 743
84 060 751
84 060 831
84 060 833
84 060 841
84 060 941



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com