Electronic Components Datasheet Search
  English  ▼

X  

MIC3002GML Datasheet(PDF) 46 Page - Micrel Semiconductor

Part # MIC3002GML
Description  FOM Management IC with Internal Calibr ation
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3002GML Datasheet(HTML) 46 Page - Micrel Semiconductor

Back Button MIC3002GML Datasheet HTML 42Page - Micrel Semiconductor MIC3002GML Datasheet HTML 43Page - Micrel Semiconductor MIC3002GML Datasheet HTML 44Page - Micrel Semiconductor MIC3002GML Datasheet HTML 45Page - Micrel Semiconductor MIC3002GML Datasheet HTML 46Page - Micrel Semiconductor MIC3002GML Datasheet HTML 47Page - Micrel Semiconductor MIC3002GML Datasheet HTML 48Page - Micrel Semiconductor MIC3002GML Datasheet HTML 49Page - Micrel Semiconductor MIC3002GML Datasheet HTML 50Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 65 page
background image
Micrel, Inc.
MIC3002
July 2007
46
M9999-073107-B
hbwhelp@micrel.com or (408) 955-1690
Voltage
D[7]
read-only
D[6]
read-only
D[5]
read-only
D[4]
read-only
D[3]
read-only
D[2]
read-only
D[1]
read-only
D[0]
read-only
Default Value
0000 0000b = 00h (0V)
(2)
Serial Address
A2h
Byte Address
MSB (VINh): 98 = 62h
LSB (VINl): 99 = 63h
Each LSB of VINh represents 25.6mV. VINh register is to be used in conjunction with VINl to yield a sixteen-bit value. The
values in VINh:VlNl are in an unsigned binary format. The value in this register is uncalibrated. The host should process the
results using the scale factor and offset provided. See the External Calibration section. In the MIC3002, VINl will always return
zero. It is provided for compliance with SFF-8472.
Notes:
1. TEMPh will contain measured temperature data after the completion of one conversion.
2. VINh will contain measured data after one A/D conversion cycle.
Laser Diode Bias Current
D[7]
read-only
D[6]
read-only
D[5]
read-only
D[4]
read-only
D[3]
read-only
D[2]
read-only
D[1]
read-only
D[0]
read-only
Default Value
0000 0000b = 00h (0mA)
(3)
Serial Address
A2h
Byte Address
MSB (ILDh):100 = 64h
LSB (ILDl):100 = 65h
ILDh is to be used in conjunction with ILDl to yield a sixteen-bit value. The values in ILDh:ILDl are in an unsigned binary format.
The value in this register is uncalibrated. The host should process the results using the scale factor and offset provided. See
the External Calibration sections. In the MIC3002, ILDl will always return zero. It is provided for compliance with SFF-8472.
Transmitted Optical Power
D[7]
read-only
D[6]
read-only
D[5]
read-only
D[4]
read-only
D[3]
read-only
D[2]
read-only
D[1]
read-only
D[0]
read-only
Default Value
0000 0000b = 00h (0mW)
(5)
Serial Address
A2h
Byte Address
MSB (TXOPh): 102 = 66h
LSB (TXOPl): 103 = 67h
Each LSB of TXOPh represents 25.6
µW. THOPh is to be used in conjunction with TXOPl to yield a sixteen-bit value. The
values in TXOPh:TXOPl are in an unsigned binary format. The value in this register is uncalibrated. The host should process
the results using the scale factor and offset provided. See the External Calibration section. In the MIC3002, this TXOPl will
always return zero. It is provided for compliance with SFF-8472.
Notes:
3. ILDh will contain measured data after one A/D conversion cycle.
4. The scale factor corresponding to the sense resistor used must be set in the configuration register.
5. TXOPh will contain measured data after one A/D conversion cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com