Electronic Components Datasheet Search
  English  ▼

X  

MIC3002GML Datasheet(PDF) 31 Page - Micrel Semiconductor

Part # MIC3002GML
Description  FOM Management IC with Internal Calibr ation
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC3002GML Datasheet(HTML) 31 Page - Micrel Semiconductor

Back Button MIC3002GML Datasheet HTML 27Page - Micrel Semiconductor MIC3002GML Datasheet HTML 28Page - Micrel Semiconductor MIC3002GML Datasheet HTML 29Page - Micrel Semiconductor MIC3002GML Datasheet HTML 30Page - Micrel Semiconductor MIC3002GML Datasheet HTML 31Page - Micrel Semiconductor MIC3002GML Datasheet HTML 32Page - Micrel Semiconductor MIC3002GML Datasheet HTML 33Page - Micrel Semiconductor MIC3002GML Datasheet HTML 34Page - Micrel Semiconductor MIC3002GML Datasheet HTML 35Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 65 page
background image
Micrel, Inc.
MIC3002
July 2007
31
M9999-073107-B
hbwhelp@micrel.com or (408) 955-1690
Serial Address
Register
Address
Table
Offset
Temperature
Offset (°C)
00h
0
≤ -45
-44
01h
1
-43
•
•
•
•
•
•
•
•
•
80
I2CADR+4h
3Fh
63
81
82
90h
64
83
•
•
•
•
•
•
102
9A
74
103
I2CADR+6h
9B
75
≥ 104
Table 17. APC Temperature Compensation
Look-Up Table
Serial Address
Register
Address
Table
Offset
Temperature
Offset (°C)
40h
0
≤ -45
-44
41h
1
-43
•
•
•
•
•
•
•
•
•
80
I2CADR+4h
7Fh
63
81
82
A0
64
83
•
•
•
•
•
•
102
AA
74
103
I2CADR+6h
AB
75
≥ 104
Table 18. VMOD Temperature Compensation
Look-Up Table
Serial Address
Register
Address
Table
Offset
Temperature
Offset (°C)
80h
≤ -45
-44
81h
-43
82h
•
•
•
8Eh
80
I2CADR+4h
8Fh
63
81
82
B0
64
83
•
•
•
•
•
•
102
BA
74
103
I2CADR+6h
BB
75
≥ 104
Table 19. IBIAS Comparator Temperature Compensation
Look-Up Table
Serial Address
Register
Address
Table
Offset
Temperature
Offset (°C)
C0h
≤ -45
-44
C1h
-43
C2h
•
•
•
FEh
80
I2CADR+4h
FFh
63
81
82
C0
64
83
•
•
•
•
•
•
CA
74
102
I2CADR+6h
103
Table 20. BIAS Current High Alarm Temperature
Compensation Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com