Electronic Components Datasheet Search
  English  ▼

X  

BAV21 Datasheet(PDF) 1 Page - VoltarisTech Inc

Part # BAV21
Description  SMALL SIGNAL DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc

BAV21 Datasheet(HTML) 1 Page - VoltarisTech Inc

  BAV21 Datasheet HTML 1Page - VoltarisTech Inc BAV21 Datasheet HTML 2Page - VoltarisTech Inc BAV21 Datasheet HTML 3Page - VoltarisTech Inc BAV21 Datasheet HTML 4Page - VoltarisTech Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV19 THRU BAV21
SMALL SIGNAL DIODE
VOLTAGE: 100-200V
CURRENT: 200mA
FEATURE
Silicon Epitaxial Planar Diodes
For general purpose
MECHANICAL DATA
Case: DO-35 Glass case
Polarity: color band denotes cathode
Mounting position: any
Weight: approx . 0.13g
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(inductive load rating at 25°C, unless otherwise stated)
Parameter
Symbol
Limit
Units
Recurrent Voltage
BAV19
BAV20
BAV21
Vr
100
150
200
V
Recurrent Peak Reverse Voltage BAV19
BAV20
BAV21
Vrm
120
200
250
V
Average Forward Rectified Current
Half-Wave Rectification With Resistive Load
at Tamp=25°C(1)
If(av)
200
mA
Peak Forward Surge Current T<1.0S (1)
Ifsm
1.0
A
Power dissipation at tamp=25°C(1)
Ptot
500
mW
Thermal Resistance Junction to Ambient Air(1)
R(ja)
430
°C /W
Junction Temperature(1)
Tj
175
°C
Storage Temperature(1)
TS
-65 ~ +175
°C
Note:
(
1) Valid provided that leads are kept at ambient temperature at a distance of 8mm from case.
Rev.A4, 1-Jul-03
www.gulfsemi.com
https://www.voltaristech.com/


Similar Part No. - BAV21

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV21 PHILIPS-BAV21 Datasheet
54Kb / 12P
General purpose diodes
1999 May 25
logo
Vishay Siliconix
BAV21 VISHAY-BAV21 Datasheet
129Kb / 5P
Small Signal Switching Diodes, High Voltage
20-Apr-06
logo
Fairchild Semiconductor
BAV21 FAIRCHILD-BAV21 Datasheet
36Kb / 1P
General Purpose Diodes
BAV21 FAIRCHILD-BAV21 Datasheet
148Kb / 8P
High Voltage General Purpose Diode
logo
Diodes Incorporated
BAV21 DIODES-BAV21 Datasheet
62Kb / 2P
FAST SWITCHING DIODE
DS22006 Rev. H-2
More results

Similar Description - BAV21

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAS29 FAIRCHILD-BAS29 Datasheet
58Kb / 2P
Small Signal Diode
BAS35 FAIRCHILD-BAS35 Datasheet
29Kb / 2P
Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
Small Signal Diode
FDLL914 FAIRCHILD-FDLL914_07 Datasheet
101Kb / 4P
Small Signal Diode
1N459_0412 FAIRCHILD-1N459_0412 Datasheet
28Kb / 2P
Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
Small Signal Diode
logo
Isahaya Electronics Cor...
MC2836 ISAHAYA-MC2836 Datasheet
239Kb / 4P
SMALL-SIGNAL DIODE
logo
GOOD-ARK Electronics
BAT48 GOOD-ARK-BAT48 Datasheet
105Kb / 3P
Small-Signal Diode
logo
Fairchild Semiconductor
1N4148TA FAIRCHILD-1N4148TA Datasheet
137Kb / 6P
Small Signal Diode
logo
Gaomi Xinghe Electronic...
1N4148WS GXELECTRONICS-1N4148WS Datasheet
544Kb / 2P
Small Signal Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com