Electronic Components Datasheet Search
  English  ▼

X  

BAV21 Datasheet(PDF) 2 Page - VoltarisTech Inc

Part # BAV21
Description  SMALL SIGNAL DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VOLTARISTECH [VoltarisTech Inc]
Direct Link  https://www.voltaristech.com/
Logo VOLTARISTECH - VoltarisTech Inc

BAV21 Datasheet(HTML) 2 Page - VoltarisTech Inc

  BAV21 Datasheet HTML 1Page - VoltarisTech Inc BAV21 Datasheet HTML 2Page - VoltarisTech Inc BAV21 Datasheet HTML 3Page - VoltarisTech Inc BAV21 Datasheet HTML 4Page - VoltarisTech Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
gnal Diode
BAV19 THRU BAV21
Electrical Characteristics(TJ = 25 ℃ unless otherwise noted)
parameter
symbol
Test Condition
min
typ
max
unit
Forward Voltage
Vf
If=100mA
If=200mA
1.0
1.25
V
Leakage Current BAV19
BAV20
BAV21
Ir
Vr=100V
Vr=100V,Tj=100℃
Vr=150V
Vr=150V,Tj=100℃
Vr=200V
Vr=200V,Tj=100℃
5.0
50
uA
uA
Capacitance
Ctot
Vf=Vr=0V,f=1MHZ
1.5
pF
Dynamic Forward Resistance
rf
Rf=10mA
5
Ώ
Reverse Recovery Time
Trr
If=30mA,Ir=30 mA
Irr=3mA,Rl=100Ω
50
nS
1
1 Rev.A4, 1-Jul-03
www.gulfsemi.com
https://www.voltaristech.com/



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com