Electronic Components Datasheet Search
  English  ▼

X  

TLMS3100 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # TLMS3100
Description  SMD LED in PLCC-2 Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS3100 Datasheet(HTML) 1 Page - Vishay Siliconix

  TLMS3100 Datasheet HTML 1Page - Vishay Siliconix TLMS3100 Datasheet HTML 2Page - Vishay Siliconix TLMS3100 Datasheet HTML 3Page - Vishay Siliconix TLMS3100 Datasheet HTML 4Page - Vishay Siliconix TLMS3100 Datasheet HTML 5Page - Vishay Siliconix TLMS3100 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VISHAY
TLMS310.
Document Number 83170
Rev. 1.4, 31-Aug-04
Vishay Semiconductors
www.vishay.com
1
e3 Pb
Pb-free
19225
SMD LED in PLCC-2 Package
Description
These devices have been designed to meet the
increasing demand for surface mounting technology.
The package of the TLMS310. is the PLCC-2 (equiv-
alent to a size B tantalum capacitor).
It consists of a lead frame which is embedded in a
white thermoplast. The reflector inside this package is
filled up with clear epoxy.
Features
• SMD LEDs with exceptional brightness
• Luminous intensity categorized
• Compatible with automatic placement equipment
• EIA and ICE standard package
• Compatible with infrared, vapor phase and wave
solder processes according to CECC
• Available in 8 mm tape
• Low profile package
• Non-diffused lens: excellent for coupling to light
pipes and backlighting
• Low power consumption
• Luminous intensity ratio in one packaging unit
IVmax/IVmin ≤ 2.0, optional ≤ 1.6
• Lead-free device
Applications
Automotive: Backlighting in dashboards and switches
Telecommunication: Indicator and backlighting in
telephone and fax
Indicator and backlight for audio and video equipment
Indicator and backlight in office equipment
Flat backlight for LCDs, switches and symbols
General use
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
TLMS310.
Part
Color, Luminous Intensity
Angle of Half Intensity (±
ϕ)
Technology
TLMS3100
Red, IV > 2.5 mcd
60 °
GaAsP on GaP
TLMS3101
Red, IV = (4 to 12.5) mcd
60 °
GaAsP on GaP
Parameter
Test condition
Symbol
Value
Unit
Reverse voltage
VR
6V
DC Forward current
Tamb ≤ 60 °C
IF
30
mA
Surge forward current
tp ≤ 10 µsIFSM
0.5
A
Power dissipation
Tamb ≤ 60 °C
PV
100
mW
Junction temperature
Tj
100
°C
Operating temperature range
Tamb
- 40 to + 100
°C


Similar Part No. - TLMS3100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMS310 VISHAY-TLMS310 Datasheet
102Kb / 6P
SMD LED in P-LCC-2 Package
04-Jul-02
TLMS310 VISHAY-TLMS310 Datasheet
108Kb / 6P
Standard SMD LED PLCC-2
24-Sep-07
TLMS310. VISHAY-TLMS310. Datasheet
102Kb / 6P
SMD LED in P-LCC-2 Package
04-Jul-02
TLMS310 VISHAY-TLMS310_V01 Datasheet
108Kb / 6P
Standard SMD LED PLCC-2
24-Sep-07
More results

Similar Description - TLMS3100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMK330 VISHAY-TLMK330 Datasheet
187Kb / 11P
Power SMD LED in PLCC-2 Package
31-Aug-04
VLMK33Q2T1-GS08 VISHAY-VLMK33Q2T1-GS08 Datasheet
169Kb / 8P
Power SMD LED in PLCC-2 Package
13-Sep-07
logo
P-tec Corporation
PL008R-WCG23 P-TEC-PL008R-WCG23 Datasheet
32Kb / 1P
SMD LED PLCC-2 Package
PL008R-WCR19 P-TEC-PL008R-WCR19 Datasheet
32Kb / 1P
SMD LED PLCC-2 Package
PL008R-WCW13Z P-TEC-PL008R-WCW13Z Datasheet
32Kb / 1P
SMD LED PLCC-2 Package
PL008R-WCW15Z P-TEC-PL008R-WCW15Z Datasheet
32Kb / 1P
SMD LED PLCC-2 Package
PL008R-WCW26Z P-TEC-PL008R-WCW26Z Datasheet
32Kb / 1P
SMD LED PLCC-2 Package
PL008R-WCY04 P-TEC-PL008R-WCY04 Datasheet
32Kb / 1P
SMD LED PLCC-2 Package
PL008-WCA02 P-TEC-PL008-WCA02 Datasheet
31Kb / 1P
SMD LED PLCC-2 Package Amber
PL008-WCW13Z P-TEC-PL008-WCW13Z Datasheet
32Kb / 1P
White SMD LED PLCC-2 Package
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com