Electronic Components Datasheet Search
  English  ▼

X  

TLMS3100 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLMS3100
Description  SMD LED in PLCC-2 Package
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS3100 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLMS3100 Datasheet HTML 1Page - Vishay Siliconix TLMS3100 Datasheet HTML 2Page - Vishay Siliconix TLMS3100 Datasheet HTML 3Page - Vishay Siliconix TLMS3100 Datasheet HTML 4Page - Vishay Siliconix TLMS3100 Datasheet HTML 5Page - Vishay Siliconix TLMS3100 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VISHAY
TLMS310.
Document Number 83170
Rev. 1.4, 31-Aug-04
Vishay Semiconductors
www.vishay.com
3
Figure 3. Pulse Forward Current vs. Pulse Duration
Figure 4. Rel. Luminous Intensity vs. Angular Displacement
Figure 5. Forward Current vs. Forward Voltage
0.01
0.1
1
10
1
10
100
1000
10000
t p - Pulse Length ( ms )
100
95 9985
DC
t p /T = 0.005
0.5
0.2
0.1
0.01
0.05
0.02
Tamb <60°C
0.4
0.2
0
0.2
0.4
0.6
95 10319
0.6
0.9
0.8
0°
30°
10°
20°
40°
50°
60°
70°
80°
0.7
1.0
0.1
1
10
100
012345
VF - Forward Voltage(V)
16634
Figure 6. Rel. Luminous Intensity vs. Ambient Temperature
Figure 7. Change of Forward Voltage vs. Ambient Temperature
Figure 8. Change of Dominant Wavelength vs. Ambient
Temperature
0.0
0.4
0.8
1.2
1.6
2.0
0
20406080
100
Tamb – Ambient Temperature ( °C )
16635
–300
–250
–200
–150
–100
–50
0
50
100
150
200
0
20406080
100
Tamb – Ambient Temperature ( °C )
16636
–3
–2
–1
0
1
2
3
4
5
0
20406080
100
Tamb – Ambient Temperature ( °C )
16637



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com