Electronic Components Datasheet Search
  English  ▼

X  

RC32308 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # RC32308
Description  FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC32308 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button RC32308 Datasheet HTML 9Page - Renesas Technology Corp RC32308 Datasheet HTML 10Page - Renesas Technology Corp RC32308 Datasheet HTML 11Page - Renesas Technology Corp RC32308 Datasheet HTML 12Page - Renesas Technology Corp RC32308 Datasheet HTML 13Page - Renesas Technology Corp RC32308 Datasheet HTML 14Page - Renesas Technology Corp RC32308 Datasheet HTML 15Page - Renesas Technology Corp RC32308 Datasheet HTML 16Page - Renesas Technology Corp RC32308 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
R31DS0128EU0118 Rev.1.18
Page 13
Jul 15, 2026
RC32312, RC32308 Datasheet
2.8
Recommended Crystal Characteristics
2.9
Clock Input (CLKIN/nCLKIN) AC/DC Characteristics
6. The APLL frequency steering range (±FSTEER) available for a DPLL or DCO to digitally steer the APLL is determined by the following expression:
FSTEER = |FTOL| - |FACC|; where FACC is the frequency accuracy of the device frequency reference. For example, if the frequency accuracy of the
Device Frequency Reference is ±100PPM. then the APLL frequency steering range will be ±350PPM.
7. The frequency accuracy of the device frequency reference should be chosen to meet the free-running frequency requirements of the application,
and to allow sufficient frequency steering range for a DPLL or DCO to lock the APLL to its reference and to track reference noise. For more
information, see Device Frequency Reference.
Table 10. Recommended Crystal Characteristics
Symbol
Parameter [1]
1. Specified by the crystal manufacturer.
Condition
Minimum
Typical
Maximum
Unit
ESR
Equivalent Series Resistance
8pF ≤ CL ≤ 12pF
-
-
50
Ω
CO
Shunt Capacitance
-
-
-
4
pF
CL
Load Capacitance
-
-
8
12
pF
Drive
Drive Level [2]
2. Refers to power delivered by the oscillator circuit and dissipated in the crystal. The crystal must tolerate this drive level.
CL = 8pF
-
-
160
µW
CL = 12pF
-
-
290
FTOL
Frequency Tolerance
-
See FTOL in Table 9 and Device
Frequency Reference
-
Table 11. Clock Input (CLKIN/nCLKIN) AC/DC Characteristics
Symbol
Parameter
Condition
Minimum
Typical
Maximum
Unit
VIPP
Differential input peak-to-peak voltage [1]
1. Single-ended value.
-
0.15
-
1.20
V
VCMR
Differential input common mode voltage [2]
2. Common mode is defined as the cross-point.
PMOS buffer (HCSL) input
VI(PP) / 2
0.35
VDD_CLK -
1.2
V
NMOS buffer (LVDS) input
0.7
-
VDD_CLK -
VI(PP)
FIN
Input frequency
Differential input
-
-
1000
MHz
Single-ended input
-
-
150
FPD
DPLL phase detector frequency [3]
3. Internal input dividers can be used to reduce the CLKIN/nCLKIN frequency to be within the valid range.
-
0.001
-
33
MHz
IIH
Differential input high current, CLKIN
VIN = VDD_CLK (max)
--
5
µA
Differential input high current, nCLKIN
-
-
5
IIL
Differential input low current, CLKIN
VIN = 0V
-5
-
-
µA
Differential input low current, nCLKIN
-5
-
-
VIH
Input high voltage
VDD_CLK = VDD_CLK (max)
0.65 ×
VDD_CLK
-
VDD_CLK +
0.3
V
VIL
Input low voltage
VDD_CLK = VDD_CLK (max)
-0.3
-
0.35 ×
VDD_CLK
V
IIH
Input high current
VIN = VDD_CLK (max)
--
5
µA
IIL
Input low current
VIN = 0V
-5
-
-
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com