Electronic Components Datasheet Search
  English  ▼

X  

RC32308 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # RC32308
Description  FemtoClockTM 3 Jitter Attenuator and Multi-Frequency Clock Synthesizer
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RC32308 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button RC32308 Datasheet HTML 24Page - Renesas Technology Corp RC32308 Datasheet HTML 25Page - Renesas Technology Corp RC32308 Datasheet HTML 26Page - Renesas Technology Corp RC32308 Datasheet HTML 27Page - Renesas Technology Corp RC32308 Datasheet HTML 28Page - Renesas Technology Corp RC32308 Datasheet HTML 29Page - Renesas Technology Corp RC32308 Datasheet HTML 30Page - Renesas Technology Corp RC32308 Datasheet HTML 31Page - Renesas Technology Corp RC32308 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
R31DS0128EU0118 Rev.1.18
Page 28
Jul 15, 2026
RC32312, RC32308 Datasheet
Figure 10. HCSL Internal Termination
Figure 11 shows an HCSL driver direct-coupled with an HCSL receiver and configured for external termination. If
the HCSL receiver has an internal 100Ω termination resistor then it will reduce the signal amplitude at the receiver
by 50% – this can be mitigated by adjusting the output amplitude of the driver.
Figure 11. HCSL External Termination
For alternative termination schemes, see HCSL Terminations in Quick Guide - Output Terminations located on the
RC32312/RC32308 product page, or contact Renesas for support.
4.5.2
Direct-Coupled LVDS Termination
For LVDS receivers, RC32312, RC32308 clock outputs should be configured for LVDS, and should be direct-
coupled. The RC32312, RC32308 supports several programmable LVDS voltage swing and common mode
options.
Figure 12 shows an LVDS driver direct-coupled with an LVDS receiver. The recommended value for the
termination resistor (R1) is between 90Ω and 132Ω. The actual value should be selected to match the differential
impedance (Z0) of the transmission line. To avoid transmission-line reflection issues, R1 should be surface-
mounted and placed as close to the receiver as practical.
For alternative termination schemes, see LVDS Terminations in Quick Guide - Output Terminations located on the
RC32312/RC32308 product page, or contact Renesas for support.
Figure 12. LVDS Termination
ZO = 50Ω
ZO = 50Ω
HCSL Receiver
R1
100Ω
R1 is optional for improved
impedance matching.
HCSL Driver
RO1
RO2
ZO = 50Ω
HCSL Driver
R1
50Ω
R2
50Ω
ZO = 50Ω
HCSL Receiver
ZO = 50Ω
LVDS Driver
R1
100Ω
ZO = 50Ω
LVDS Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com