Electronic Components Datasheet Search
  English  ▼

X  

LRTBR98G Datasheet(PDF) 17 Page - ams-OSRAM AG

Part # LRTBR98G
Description  Multi Chip LED
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LRTBR98G Datasheet(HTML) 17 Page - ams-OSRAM AG

Back Button LRTBR98G Datasheet HTML 13Page - ams-OSRAM AG LRTBR98G Datasheet HTML 14Page - ams-OSRAM AG LRTBR98G Datasheet HTML 15Page - ams-OSRAM AG LRTBR98G Datasheet HTML 16Page - ams-OSRAM AG LRTBR98G Datasheet HTML 17Page - ams-OSRAM AG LRTBR98G Datasheet HTML 18Page - ams-OSRAM AG LRTBR98G Datasheet HTML 19Page - ams-OSRAM AG LRTBR98G Datasheet HTML 20Page - ams-OSRAM AG LRTBR98G Datasheet HTML 21Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
LRTB R98G
2021-09-30
17
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 25 °C
All chip together: red
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 25 °C
All chip together: blue, true green
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 85 °C
All chip together: red
Zulässige Impulsbelastbarkeit
I
F = f (tp)
Permissible Pulse Handling Capability
Duty cycle
D = parameter, T
A= 85 °C
All chip together: blue, true green
0
-5
F
I
A
tp
s
OHL04109
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.12
P
t
=
D
T
T
t
P
I
F
0.05
0.2
0.1
0.5
0.3
1
D
0.02
0.005
0.01
=
10
10
-2
-3
-4
-5
10
10
10
F
I
A
2
1
0
-1 10
tp
10 s 10
OHL04111
0
=
0.02
0.005
0.01
0.05
0.2
0.5
1
0.3
0.1
D
0.12
0.04
0.01
0.02
0.03
0.07
0.05
0.06
0.08
0.09
T
=
D
t
P
T
t
P
I
F
10
10
-2
-3
-4
-5
10
10
10
F
I
2
1
0
-1 10
tp
10 s 10
OHL04110
T
=
D
P
T
t
t
P
I
F
0.005
0.3
1
0.5
0.2
0.05
0.02
0.1
0.01
D =
0.04
0
0.02
0.01
0.03
0.07
0.05
0.06
0.08
0.09
0.12
A
10
10
-2
-3
-4
-5
10
10
10
F
I
A
2
1
0
-1 10
tp
10 s 10
OHL04112
0
T
T
t
D =
P
t
P
I
F
0.5
1
0.2
0.3
D
0.02
0.1
0.05
0.01
0.005
=
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com