Electronic Components Datasheet Search
  English  ▼

X  

LRTBR98G Datasheet(PDF) 18 Page - ams-OSRAM AG

Part # LRTBR98G
Description  Multi Chip LED
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

LRTBR98G Datasheet(HTML) 18 Page - ams-OSRAM AG

Back Button LRTBR98G Datasheet HTML 14Page - ams-OSRAM AG LRTBR98G Datasheet HTML 15Page - ams-OSRAM AG LRTBR98G Datasheet HTML 16Page - ams-OSRAM AG LRTBR98G Datasheet HTML 17Page - ams-OSRAM AG LRTBR98G Datasheet HTML 18Page - ams-OSRAM AG LRTBR98G Datasheet HTML 19Page - ams-OSRAM AG LRTBR98G Datasheet HTML 20Page - ams-OSRAM AG LRTBR98G Datasheet HTML 21Page - ams-OSRAM AG LRTBR98G Datasheet HTML 22Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
2021-09-30
18
LRTB R98G
Maßzeichnung
8) Seite 25
Package Outlines
8) page 25
Korrosionsfestigkeit besser als EN 60068-2-60 (method 4):
mit erweitertem Korrosionstest: 40°C / 90%rh / 15ppm H
2S / 336h
Corrosion robustness better than EN 60068-2-60 (method 4):
with enhanced corrosion test: 40°C / 90%rh / 15ppm H
2S / 336h
Gewicht / Approx. weight:
20 mg
Pin4
Cathode
red (A)
Pin3
Anode
red (A)
Pin2
Anode
True Green (T)
Pin5
Cathode
True Green (T)
Pin1
Anode
Blue (B)
Pin6
Cathode
Blue (B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com