Electronic Components Datasheet Search
  English  ▼

X  

STA540 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STA540
Description  4 x 13 W dual/quad power amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STA540 Datasheet HTML 4Page - STMicroelectronics STA540 Datasheet HTML 5Page - STMicroelectronics STA540 Datasheet HTML 6Page - STMicroelectronics STA540 Datasheet HTML 7Page - STMicroelectronics STA540 Datasheet HTML 8Page - STMicroelectronics STA540 Datasheet HTML 9Page - STMicroelectronics STA540 Datasheet HTML 10Page - STMicroelectronics STA540 Datasheet HTML 11Page - STMicroelectronics STA540 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Standard application circuits
STA540
8/23
3
Standard application circuits
Figure 3.
Quadraphonic
Figure 4.
Alternative single-ended speaker connection
Figure 5.
Dual bridge
Suggested applications:
4x 13 W into 2
Ω, at 15 V
4x 11 W into 4
Ω, at 18 V
4x 9 W into 2
Ω, at 12 V
4x 8 W into 4
Ω, at 16 V
4x 5 W into 4
Ω, at 12 V
1
2
3
4
5
6
7
89
10
11
12
13
14
15
1000 µF
220 nF
2200 µF
100 nF
10 µF
10 k
Ω
IN_1
OUT_1
VS
ST_BY
47 µF
2200 µF
OUT_2
2200 µF
OUT_3
2200 µF
OUT_4
220 nF
IN_2
220 nF
IN_3
220 nF
IN_4
STA540
1
470
µF
2
18
470
µF
19
*
The best audio performance is obtained with the configuration where each speaker
has its own DC blocking capacitor. However, if the application allows a little
degradation of the spatial image it is possible to connect a couple of speakers with
only one low-value DC blocking capacitor.
1
2
15
14
Suggested applications:
2x 38 W into 4
Ω, at 18 V, 1 kHz, 10% THD
2x 34 W into 8
Ω, at 22 V, 1 kHz, 10% THD
2x 24 W into 4
Ω, at 14.4 V, 1 kHz, 10% THD
2x 15 W into 8
Ω, at 16 V, 1 kHz, 10% THD
1
2
3
4
5
6
7
89
10
11
12
13
14
15
1000 µF
470 nF
100 nF
10 µF
10 k
Ω
IN_L
VS
ST_BY
47 µF
OUT_R
470 nF
IN_R
OUT_L
STA540



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com