Electronic Components Datasheet Search
  English  ▼

X  

STA540 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA540
Description  4 x 13 W dual/quad power amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA540 Datasheet(HTML) 1 Page - STMicroelectronics

  STA540 Datasheet HTML 1Page - STMicroelectronics STA540 Datasheet HTML 2Page - STMicroelectronics STA540 Datasheet HTML 3Page - STMicroelectronics STA540 Datasheet HTML 4Page - STMicroelectronics STA540 Datasheet HTML 5Page - STMicroelectronics STA540 Datasheet HTML 6Page - STMicroelectronics STA540 Datasheet HTML 7Page - STMicroelectronics STA540 Datasheet HTML 8Page - STMicroelectronics STA540 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
January 2008
Rev 4
1/23
1
STA540
4 x 13 W dual/quad power amplifier
Features
! High output power capability
– 2x 38 W into 4
Ω at 18 V, 1 kHz, 10%THD
– 2x 34 W into 8
Ω at 22 V, 1 kHz, 10%THD
– 2x 24 W into 4
Ω at 14.4 V, 1 kHz, 10%THD
– 2x 15 W into 8
Ω at 16 V, 1 kHz, 10%THD
– 4x 13 W into 2
Ω at 15 V, 1 kHz, 10%THD
– 4x 11 W into 4
Ω at 18 V, 1 kHz, 10%THD
– 4x 7 W into 4
Ω at 14.4 V, 1 kHz, 10%THD
! Minimum external components count:
– no bootstrap capacitors
– no Boucherot cells
– internally fixed gain 20 dB
! Standby function (CMOS compatible)
! No audible pop during standby operations
! Diagnostic facilities:
– clip detector
– output to GND short-circuit detector
– output to VS short-circuit detector
– soft short-circuit check at turn-on
– thermal shutdown warning
Protection
! Output AC/DC short circuit
! Soft short-circuit check at turn-on
! Thermal cutoff/limiter to prevent chip from
overheating
! High inductive loads
! ESD
Description
The STA540 is a 4-channel, class AB audio
amplifier designed for high quality sound
applications.
The amplifiers have single-ended outputs with
integrated short-circuit protection, thermal
protection and diagnostic functions.
The chip is housed in the 15-pin Multiwatt
ECOPACK® Pb-free package which is RoHS
(2002/95/EC) compliant.
Multiwatt15
Table 1.
Device summary
Order code
Temperature range
Package
Packing
STA540
-40 to 150° C
Multiwatt15
Tube
www.st.com


Similar Part No. - STA540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA540 STMICROELECTRONICS-STA540 Datasheet
342Kb / 25P
4 x 13 W dual/quad power amplifier
24-Apr-2012
STA540SA STMICROELECTRONICS-STA540SA Datasheet
829Kb / 30P
4 x 10-watt dual/quad power amplifier
December 2010
STA540SAN STMICROELECTRONICS-STA540SAN Datasheet
698Kb / 26P
4 x 10-watt dual/quad power amplifier
16-Dec-2010
STA540 STMICROELECTRONICS-STA540_12 Datasheet
344Kb / 25P
4 x 13 W dual/quad power amplifier
24-Apr-2012
STA540 STMICROELECTRONICS-STA540_V01 Datasheet
342Kb / 25P
4 x 13 W dual/quad power amplifier
24-Apr-2012
More results

Similar Description - STA540

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA8512J PHILIPS-TDA8512J Datasheet
165Kb / 24P
26 W BTL and 2 x 13 W SE or 4 x 13 W SE power amplifier
2001 Nov 16
logo
STMicroelectronics
STA540 STMICROELECTRONICS-STA540_12 Datasheet
344Kb / 25P
4 x 13 W dual/quad power amplifier
24-Apr-2012
STA540SAN STMICROELECTRONICS-STA540SAN Datasheet
698Kb / 26P
4 x 10-watt dual/quad power amplifier
16-Dec-2010
logo
M/A-COM Technology Solu...
MAAP-015030 MA-COM-MAAP-015030_15 Datasheet
1Mb / 12P
Power Amplifier, 13 W
logo
STMicroelectronics
STPA008 STMICROELECTRONICS-STPA008 Datasheet
598Kb / 29P
4 x 50 W MOSFET quad bridge power amplifier
July 2015 Rev 2
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
4 x 50 W MOSFET quad bridge power amplifier
23-Sep-2021
TDA7851A STMICROELECTRONICS-TDA7851A Datasheet
324Kb / 15P
4 x 48 W MOSFET quad bridge power amplifier
18-Sep-2013
STA540SA STMICROELECTRONICS-STA540SA Datasheet
829Kb / 30P
4 x 10-watt dual/quad power amplifier
December 2010
STA540 STMICROELECTRONICS-STA540_V01 Datasheet
342Kb / 25P
4 x 13 W dual/quad power amplifier
24-Apr-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com