Electronic Components Datasheet Search
  English  ▼

X  

STN3PF06 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STN3PF06
Description  P-channel 60 V - 0.20 Ω - 2.5 A - SOT-223 STripFET??II Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN3PF06 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STN3PF06_08 Datasheet HTML 3Page - STMicroelectronics STN3PF06_08 Datasheet HTML 4Page - STMicroelectronics STN3PF06_08 Datasheet HTML 5Page - STMicroelectronics STN3PF06_08 Datasheet HTML 6Page - STMicroelectronics STN3PF06_08 Datasheet HTML 7Page - STMicroelectronics STN3PF06_08 Datasheet HTML 8Page - STMicroelectronics STN3PF06_08 Datasheet HTML 9Page - STMicroelectronics STN3PF06_08 Datasheet HTML 10Page - STMicroelectronics STN3PF06_08 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
STN3PF06
Electrical characteristics
7/12
Figure 8.
Gate charge vs gate-source voltage Figure 9.
Capacitance variations
Figure 10.
Normalized gate threshold voltage
vs temperature
Figure 11.
Normalized on resistance vs
temperature
Figure 12.
Source-drain diode forward
characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com