Electronic Components Datasheet Search
  English  ▼

X  

STN3PF06 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STN3PF06
Description  P-channel 60 V - 0.20 Ω - 2.5 A - SOT-223 STripFET??II Power MOSFET
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STN3PF06 Datasheet(HTML) 5 Page - STMicroelectronics

  STN3PF06_08 Datasheet HTML 1Page - STMicroelectronics STN3PF06_08 Datasheet HTML 2Page - STMicroelectronics STN3PF06_08 Datasheet HTML 3Page - STMicroelectronics STN3PF06_08 Datasheet HTML 4Page - STMicroelectronics STN3PF06_08 Datasheet HTML 5Page - STMicroelectronics STN3PF06_08 Datasheet HTML 6Page - STMicroelectronics STN3PF06_08 Datasheet HTML 7Page - STMicroelectronics STN3PF06_08 Datasheet HTML 8Page - STMicroelectronics STN3PF06_08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
STN3PF06
Electrical characteristics
5/12
Note:
For the p-channel Power MOSFET actual polarity of voltages and current has to be reversed
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD= 30 V, ID=6 A,
RG=4.7 Ω, VGS=10 V
(see Figure 13)
20
40
ns
ns
td(off)
tf
Turn-off delay time
Fall time
VDD= 30 V, ID=6 A,
RG=4.7 Ω, VGS=10 V
(see Figure 13)
40
10
ns
ns
tr(Voff)
tf
tc
Off-voltage rise time
Fall time
Cross-over time
Vclamp= 48 V, ID=12 A,
RG=4.7 Ω, VGS=10 V
(see Figure 13)
10
17
30
ns
ns
ns
Table 7.
Source drain diode
Symbol
Parameter
Test conditions
Min
Typ.
Max
Unit
ISD
ISDM
(1)
1.
Pulse width limited by Tjmax
Source-drain current
Source-drain current (pulsed)
2.5
10
A
A
VSD
(2)
2.
Pulsed: pulse duration = 300 µs, duty cycle 1.5%
Forward on voltage
ISD = 1.5 A, VGS = 0
1.2
V
trr
Qrr
IRRM
Reverse recovery time
Reverse recovery charge
Reverse recovery current
ISD = 12 A, di/dt = 100 A/µs
VDD = 30 V, Tj =150 °C
100
260
5.2
ns
µC
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com