Electronic Components Datasheet Search
  English  ▼

X  

AWR2188 Datasheet(PDF) 6 Page - Texas Instruments

Part # AWR2188
Description  AWR2188 Single Chip 8x8 Cascadable 76-to-81 GHz Transceiver in LOP package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AWR2188 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AWR2188 Datasheet HTML 2Page - Texas Instruments AWR2188 Datasheet HTML 3Page - Texas Instruments AWR2188 Datasheet HTML 4Page - Texas Instruments AWR2188 Datasheet HTML 5Page - Texas Instruments AWR2188 Datasheet HTML 6Page - Texas Instruments AWR2188 Datasheet HTML 7Page - Texas Instruments AWR2188 Datasheet HTML 8Page - Texas Instruments AWR2188 Datasheet HTML 9Page - Texas Instruments AWR2188 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
5.1 Device Nomenclature
To designate the stages in the product development cycle, TI assigns prefixes to the part numbers of all
microprocessors (MPUs) and support tools. Each device has one of three prefixes: X, P, or null (no prefix)
(for example, XA2F44BDALL). Texas Instruments recommends two of three possible prefix designators for its
support tools: TMDX and TMDS. These prefixes represent evolutionary stages of product development from
engineering prototypes (TMDX) through fully qualified production devices and tools (TMDS).
Device development evolutionary flow:
X Experimental device that is not necessarily representative of the final device's electrical specifications and
may not use production assembly flow.
P Prototype device that is not necessarily the final silicon die and may not necessarily meet final electrical
specifications.
null
Production version of the silicon die that is fully qualified.
Support tool development evolutionary flow:
TMDX Development-support product that has not yet completed Texas Instruments internal qualification testing.
TMDS Fully-qualified development-support product.
X and P devices and TMDX development-support tools are shipped against the following disclaimer:
"Developmental product is intended for internal evaluation purposes."
Production devices and TMDS development-support tools have been characterized fully, and the quality and
reliability of the device have been demonstrated fully. TI's standard warranty applies.
Predictions show that prototype devices (X or P) have a greater failure rate than the standard production
devices. Texas Instruments recommends that these devices not be used in any production system because their
expected end-use failure rate still is undefined. Only qualified production devices are to be used.
TI device nomenclature also includes a suffix with the device family name. This suffix indicates the package type
(for example, your package), the temperature range (for example, blank is the default commercial temperature
range), and the device speed range, in megahertz (for example, your device speed range). Figure x provides a
legend for reading the complete device name for any your device device.
For orderable part numbers of your device devices in the your package package types, see the Package Option
Addendum of this document, ti.com, or contact your TI sales representative.
AWR2188
SLVSKO8B – DECEMBER 2025 – REVISED SEPTEMBER 2026
www.ti.com
6
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: AWR2188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com