Electronic Components Datasheet Search
  English  ▼

X  

AWR2188 Datasheet(PDF) 7 Page - Texas Instruments

Part # AWR2188
Description  AWR2188 Single Chip 8x8 Cascadable 76-to-81 GHz Transceiver in LOP package
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AWR2188 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AWR2188 Datasheet HTML 3Page - Texas Instruments AWR2188 Datasheet HTML 4Page - Texas Instruments AWR2188 Datasheet HTML 5Page - Texas Instruments AWR2188 Datasheet HTML 6Page - Texas Instruments AWR2188 Datasheet HTML 7Page - Texas Instruments AWR2188 Datasheet HTML 8Page - Texas Instruments AWR2188 Datasheet HTML 9Page - Texas Instruments AWR2188 Datasheet HTML 10Page - Texas Instruments AWR2188 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AWR
2
88
B
G
Prefix
Generation
Variant
Num RX/TX Channels
Safety
1, 2 = 76 - 81GHz
1 = FE
RX = 8
TX = 8
Q = Quality Managed
A = ASIL A Capable / SIL 1
B = ASIL B Capable / SIL 2
C = ASIL C Capable / SIL 3
D = ASIL D Capable
Tray or Tape & Reel
Package
Security
T = Small Reel
R = Tape & Reel
Blank = Tray
APE = FCCSP, LOP
G = General
S = Secure
D = Development Secure
XA = Pre-production Automotive
AWR = Production Automotive
1
APE
R
A
Version
A = ES2.0
Figure 5-1. Device Nomenclature
5.2 Tools and Software
Boundary scan database of testable input and output pins for IEEE 1149.1 of the specific device can be obtained
by contacting a TI representative.
IBIS model IO buffer information model for the IO buffers of the device can be obtained by contacting a TI
representative. For simulation on a circuit board, see IBIS Open Forum.
5.3 Documentation support
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
The contents in this section will be updated in subsequent versions.
5.4 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
5.5 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
5.6 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
www.ti.com
AWR2188
SLVSKO8B – DECEMBER 2025 – REVISED SEPTEMBER 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AWR2188



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com