Electronic Components Datasheet Search
  English  ▼

X  

MMBZ15VCLDBZR Datasheet(PDF) 3 Page - Texas Instruments

Part # MMBZ15VCLDBZR
Description  MMBZxxVCL Dual Channel ESD Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MMBZ15VCLDBZR Datasheet(HTML) 3 Page - Texas Instruments

  MMBZ15VCLDBZR Datasheet HTML 1Page - Texas Instruments MMBZ15VCLDBZR Datasheet HTML 2Page - Texas Instruments MMBZ15VCLDBZR Datasheet HTML 3Page - Texas Instruments MMBZ15VCLDBZR Datasheet HTML 4Page - Texas Instruments MMBZ15VCLDBZR Datasheet HTML 5Page - Texas Instruments MMBZ15VCLDBZR Datasheet HTML 6Page - Texas Instruments MMBZ15VCLDBZR Datasheet HTML 7Page - Texas Instruments MMBZ15VCLDBZR Datasheet HTML 8Page - Texas Instruments MMBZ15VCLDBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
4 Pin Configuration and Functions
1
ANI
2
AN2
3
CC
Not to scale
Figure 4-1. DBZ Package, 3-Pin SOT-23 (Top View)
Pin Functions
PIN
DESCRIPTION
NO.
1
Anode of diode 1
2
Anode of diode 2
3
Common Cathode
www.ti.com
MMBZ15VCL, MMBZ27VCL
SLVSKB1 – DECEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: MMBZ15VCL MMBZ27VCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com