Electronic Components Datasheet Search
  English  ▼

X  

MMBZ15VCLDBZR Datasheet(PDF) 1 Page - Texas Instruments

Part # MMBZ15VCLDBZR
Description  MMBZxxVCL Dual Channel ESD Protection
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

MMBZ15VCLDBZR Datasheet(HTML) 1 Page - Texas Instruments

  MMBZ15VCLDBZR Datasheet HTML 1Page - Texas Instruments MMBZ15VCLDBZR Datasheet HTML 2Page - Texas Instruments MMBZ15VCLDBZR Datasheet HTML 3Page - Texas Instruments MMBZ15VCLDBZR Datasheet HTML 4Page - Texas Instruments MMBZ15VCLDBZR Datasheet HTML 5Page - Texas Instruments MMBZ15VCLDBZR Datasheet HTML 6Page - Texas Instruments MMBZ15VCLDBZR Datasheet HTML 7Page - Texas Instruments MMBZ15VCLDBZR Datasheet HTML 8Page - Texas Instruments MMBZ15VCLDBZR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MMBZxxVCL Dual Channel ESD Protection
1 Features
• IEC 61000-4-2 ESD protection:
– ±30kV contact discharge
– ±30kV air-gap discharge
• IEC 61643-321 surge protection:
– Up to 1.9A (10/1000µs)
• Low leakage current: 50nA (max)
• Temperature range: -55°C to +150°C
• Leaded packages used for automatic optical
inspection (AOI)
2 Applications
• Industrial overvoltage protection
• CAN/LIN transient suppression
• Dual channel unidirectional or single channel
bidirectional
3 Description
The MMBZxxVCL is a dual channel unidirectional
or single channel bidirectional ESD in common
cathode configuration. The device's low capacitance
and low leakage features enable use in high speed
applications. The low dynamic resistance allows low
clamping voltage to help protect systems against
transient events.
The MMBZxxVCL is packaged in the SOT-23,
providing two channels of robust transient protection
in one space-efficient form factor.
Package Information
PART NUMBER
PACKAGE(1)
PACKAGE SIZE(2)
MMBZxxVCL
DBZ (SOT-23, 3)
2.92mm × 2.37mm
(1)
For more information, see Section 8.
(2)
The package size (length × width) is a nominal value and
includes pins, where applicable.
3
1
2
Functional Diagram
MMBZ15VCL, MMBZ27VCL
SLVSKB1 – DECEMBER 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - MMBZ15VCLDBZR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MMBZ15VCLDBZR TI2-MMBZ15VCLDBZR Datasheet
742Kb / 14P
MMBZxxVCL Dual Channel ESD Protection
DECEMBER 2025
MMBZ15VCLDBZRQ1 TI2-MMBZ15VCLDBZRQ1 Datasheet
743Kb / 14P
MMBZxxVCL-Q1 Dual Channel ESD Protection
DECEMBER 2025
MMBZ15VCLDBZRQ1 TI2-MMBZ15VCLDBZRQ1 Datasheet
743Kb / 14P
MMBZxxVCL-Q1 Dual Channel ESD Protection
DECEMBER 2025
More results

Similar Description - MMBZ15VCLDBZR

ManufacturerPart #DatasheetDescription
logo
California Micro Device...
CM1484 CALMIRCO-CM1484 Datasheet
227Kb / 5P
Dual Channel EMI Filter with ESD Protection
logo
Texas Instruments
TPD2E2U06 TI-TPD2E2U06 Datasheet
252Kb / 8P
Dual-Channel High-Speed ESD Protection Device
TPD2E1B06 TI1-TPD2E1B06 Datasheet
931Kb / 13P
DUAL CHANNEL HIGH SPEED ESD PROTECTION DEVICE
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002 Datasheet
257Kb / 6P
Dual Channel ESD Protection Device
UM5202EEDF UNIONSEMI-UM5202EEDF Datasheet
83Kb / 5P
Dual Channel Low Capacitance ESD Protection Array
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_14 Datasheet
781Kb / 11P
Dual-Channel High-Speed ESD Protection Device
logo
Union Semiconductor, In...
UM1002 UNIONSEMI-UM1002_16 Datasheet
237Kb / 6P
Dual Channel ESD Protection Device
UM5202EEDF UNIONSEMI-UM5202EEDF_14 Datasheet
99Kb / 5P
Dual Channel Low Capacitance ESD Protection Array
logo
Texas Instruments
TPD2E2U06 TI1-TPD2E2U06_15 Datasheet
862Kb / 17P
Dual-Channel High-Speed ESD Protection Device
logo
FutureWafer Tech Co.,Lt...
FE05CAD FUTUREWAFER-FE05CAD Datasheet
929Kb / 4P
Dual Channel ESD protection diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com