Electronic Components Datasheet Search
  English  ▼

X  

SR176 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SR176
Description  13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR176 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SR176 Datasheet HTML 11Page - STMicroelectronics SR176 Datasheet HTML 12Page - STMicroelectronics SR176 Datasheet HTML 13Page - STMicroelectronics SR176 Datasheet HTML 14Page - STMicroelectronics SR176 Datasheet HTML 15Page - STMicroelectronics SR176 Datasheet HTML 16Page - STMicroelectronics SR176 Datasheet HTML 17Page - STMicroelectronics SR176 Datasheet HTML 18Page - STMicroelectronics SR176 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 35 page
background image
SR176
Device operations (instructions)
15/35
5.1
INITIATE()
Command Code = 06h,00h
Prior to any other command, the SR176 must be activated by an INITIATE command. All
other commands sent to the SR176 before the INITIATE are ignored. In response to
receiving the INITIATE command, the SR176 sends back its Chip_ID, using an 8-bit format
(Figure 17).
Upon receiving a valid INITIATE command, the SR176 switches to the ACTIVE state, where
it will not answer to any new INITIATE command. Once In the ACTIVE state, the SR176 will
remain in this state until it receives a valid SELECT command.
Request parameters (Figure 14):
●
none
Response parameters (Figure 15):
●
Chip_ID (formatted as shown in Figure 16)
Figure 14.
INITIATE request format
Figure 15.
INITIATE response format
Figure 16.
8-bit Chip_ID format
Figure 17.
INITIATE frame exchange between Reader and SR176
SOF
INITIATE
CRCL
CRCH
EOF
AI07670B
06h
00h
8 bits
8 bits
SOF
Chip_ID
CRCL
CRCH
EOF
AI07701B
4 reserved bits
+ 4-bit ID
8 bits
8 bits
b7
b6
b5
b4
b3
b2
b1
b0
AI07700B
Reserved bits (block 15)
b3
Block 15
b0
4-bit Chip_ID of the SR176
AI09783
Reader
SR176
SOF
Chip_ID
CRCL CRCH EOF
SOF
06h
CRCL
CRCH
EOF
00h
t0
t1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com