Electronic Components Datasheet Search
  English  ▼

X  

SR176 Datasheet(PDF) 18 Page - STMicroelectronics

Part # SR176
Description  13.56 MHz, 176-bit short range contactless user EEPROM with 64-bit Unique ID
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SR176 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button SR176 Datasheet HTML 14Page - STMicroelectronics SR176 Datasheet HTML 15Page - STMicroelectronics SR176 Datasheet HTML 16Page - STMicroelectronics SR176 Datasheet HTML 17Page - STMicroelectronics SR176 Datasheet HTML 18Page - STMicroelectronics SR176 Datasheet HTML 19Page - STMicroelectronics SR176 Datasheet HTML 20Page - STMicroelectronics SR176 Datasheet HTML 21Page - STMicroelectronics SR176 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Device operations (instructions)
SR176
18/35
5.4
READ_BLOCK
Command Code = 08h,(X.AD)
When receiving the READ_BLOCK command, the SR176 reads the requested block and
sends back its 16-bit value in response (Figure 26). The AD value of the four least significant
bits of the address code, (X.AD) (b3 to b0) represents the block address to be read. For
example, address 06h sends back the value of block 6.
Prior to any READ_BLOCK command, the SR176 must have been set into the SELECTED
state.
Request parameters (Figure 24):
●
ADDRESS: to specify an address block from 00h to 0Eh
Response parameters (Figure 25):
●
DATAL: least significant Byte
●
DATAH: most significant Byte
5.5
Read the 64-bit UID
To read the complete 64-bit UID value from the SR176, the reader must provide a sequence
of four READ_BLOCK commands, in the following order (Figure 27):
●
READ_BLOCK @ 0 to get UID0
●
READ_BLOCK @ 1 to get UID1
●
READ_BLOCK @ 2 to get UID2
●
READ_BLOCK @ 3 to get UID3
Figure 24.
READ_BLOCK request format
Figure 25.
READ_BLOCK response format
SOF
READ_BLOCK
CRCL
CRCH
EOF
AI07705B
08h
4 zero-bits
+ 4-bit address
8 bits
8 bits
ADDRESS
SOF
DATAL
CRCL
CRCH
EOF
AI07706B
8 bits
8 bits
8 bits
DATAH
8 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com