Electronic Components Datasheet Search
  English  ▼

X  

XK01 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # XK01
Description  Ultra-low Phase Noise Quartz-based PLL Oscillator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XK01 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button XK01 Datasheet HTML 3Page - Renesas Technology Corp XK01 Datasheet HTML 4Page - Renesas Technology Corp XK01 Datasheet HTML 5Page - Renesas Technology Corp XK01 Datasheet HTML 6Page - Renesas Technology Corp XK01 Datasheet HTML 7Page - Renesas Technology Corp XK01 Datasheet HTML 8Page - Renesas Technology Corp XK01 Datasheet HTML 9Page - Renesas Technology Corp XK01 Datasheet HTML 10Page - Renesas Technology Corp XK01 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
R31DS0145EU0116 Rev. 1.16
Page 7
Sep 24, 2025
XK Datasheet
Figure 5. Phase Jitter Test Circuit
Table 5. Configurations for AC/DC Tests
Output Type
V+ (V)
V- (V)
Ro (ohms)
Rs (ohms)
Zo (ohms)
L (cm)
CML
0
-1.8 ± 5%
NA
NA
50
2.5
0
-2.5 ± 5%
0
-3.3 ± 5%
HCSL
1.8 ± 5%
0
NA
NA
50
2.5
2.5 ± 5%
0
3.3 ± 5%
0
LVCMOS
0.9 ± 5%
(VDD/2 ± 5%)
-0.9 ± 5%
(-VDD/2 ± 5%)
28
NA
50
2.5
LVDS
1.8 ± 5%
0
NA
NA
50
2.5
2.5 ± 5%
0
3.3 ± 5%
0
LVPECL
2
-1.3 ± 5%
NA
NA
50
2.5
Table 6. Configurations for Phase Jitter Measurements
Output Type
V+ (V)
V- (V)
RT (ohms)
CAC
Zo (ohms)
L (cm)
CML
0
-1.8 ± 5%
Not Used
Not Used
50
2.5
0
-2.5 ± 5%
0
-3.3 ± 5%
HCSL
1.8 ± 5%
0
Not Used
Not Used
50
2.5
2.5 ± 5%
0
3.3 ± 5%
0
LVCMOS
0.9 ± 5%
(VDD/2 ± 5%)
-0.9 ± 5%
(-VDD/2 ± 5%)
Not Used
Not Used
50
2.5
V+
V-
RO
RO
ZO
ZO
L
PNA
Balun
Coax
Coax
CAC
CAC
RT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com