Electronic Components Datasheet Search
  English  ▼

X  

XK01 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # XK01
Description  Ultra-low Phase Noise Quartz-based PLL Oscillator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XK01 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button XK01 Datasheet HTML 17Page - Renesas Technology Corp XK01 Datasheet HTML 18Page - Renesas Technology Corp XK01 Datasheet HTML 19Page - Renesas Technology Corp XK01 Datasheet HTML 20Page - Renesas Technology Corp XK01 Datasheet HTML 21Page - Renesas Technology Corp XK01 Datasheet HTML 22Page - Renesas Technology Corp XK01 Datasheet HTML 23Page - Renesas Technology Corp XK01 Datasheet HTML 24Page - Renesas Technology Corp XK01 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
R31DS0145EU0116 Rev. 1.16
Page 21
Sep 24, 2025
XK Datasheet
The topside markings consist of four characters as shown in Figure 21. The first character is always the prefix “S.”
The second character indicates the operating voltage and the frequency group of the oscillator. The third and
fourth character codes year and month) are described in Table 25.
For example, a top mark of “S7DK” would be 1.8V, Frequency Group 2, with a crystal data code of October, 2023.
Note that this is the crystal date code and not the silicon date code. The silicon information and customer
configuration are stored in the device at the factory.
7. Ordering Information
The example above gives us the following part number: XK33N156L312R625I. Let us dissect this part number.
We have an XK series XO in a 3225 package running from 3.3V. Three configurations are specified:
▪ Configuration 1 is a 156.25MHz LVPECL output, with an Active High OE on pin 1.
▪ Configuration 2 is a 312.5MHz LVDS output with an Active High OE on pin 1.
▪ Configuration 3 is a 625MHz HCSL output with an Active High OE on pin 1.
Table 25. Date Codes
Last Digit of Year
Year Code (y)
Month
Month Code (m)
1
A
1
A
2
B
2
B
3
C
3
C
4
D
4
D
5
E
5
E
6
F
6
F
7
G
7
G
8
H
8
H
9
J
9
J
0
K
10
K
-
-
11
L
-
-
12
M
Family
Package [1]
1. The Minimum Order Quantity (MOQ) for tape and reel packing is 2500 pieces. Orders less than 2500 pieces, or the portion of orders that
are not multiples of 2500 pieces will be packed on cut tape. For example, a 3500 piece order will be packed as 2500 pieces on tape and
reel and 1000 pieces on cut tape.
Voltage
Config. 1
(FS = low)
Config. 2
(FS = floating)
Config. 3
(FS = high)
Temperature
Range
Ordering
Code
XK
0 = 1.80 x 1.40 mm[2]
1 = 2.00 x 1.60 mm
2 = 2.50 × 2.00 mm
3 = 3.20 × 2.50 mm
2. Footprint compatible to 1612 package.
1 = 1.8V ±5%
2 = 2.5V ±5%
3 = 3.3V ±5%
Xfff
Xfff
Xfff
I: -40 to +85°C
3 = 3.20 × 2.50 mm
1 = 1.8V ±5% only
Xfff
Xfff
Xfff
K: -40 to +105°C
Example
XK
3
3
N156
L312
R625
I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com