Electronic Components Datasheet Search
  English  ▼

X  

XK21 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # XK21
Description  Ultra-low Phase Noise Quartz-based PLL Oscillator
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XK21 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button XK21 Datasheet HTML 11Page - Renesas Technology Corp XK21 Datasheet HTML 12Page - Renesas Technology Corp XK21 Datasheet HTML 13Page - Renesas Technology Corp XK21 Datasheet HTML 14Page - Renesas Technology Corp XK21 Datasheet HTML 15Page - Renesas Technology Corp XK21 Datasheet HTML 16Page - Renesas Technology Corp XK21 Datasheet HTML 17Page - Renesas Technology Corp XK21 Datasheet HTML 18Page - Renesas Technology Corp XK21 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
R31DS0145EU0116 Rev. 1.16
Page 15
Sep 24, 2025
XK Datasheet
Table 18. DC Characteristics at 3.3V
Parameter
Symbol
Conditions
Minimum
Typical
Maximum
Unit
Output High Voltage [1]
1. All measurements taken at 156.25MHz.
VOH
CML
3.2
3.28
3.3
V
HCSL
760
820
875
mV
LVPECL
2.3
2.36
2.41
V
Output Low Voltage [1]
VOL
CML
2.4
2.6
2.9
V
HCSL
0
8
20
mV
LVPECL
1.44
1.64
1.84
V
Output common mode voltage
VCMR
HCSL [2]
2. For HCSL VCMR is equivalent to VCROSS.
0.33
0.40
0.47
V
LVDS
1.1
1.2
1.3
LVPECL
2.22
2.26
2.3
TRUE Binary state
VOT (+)
LVDS
231
360
490
mV
FALSE binary state
VOT (-)
-233
-362
-492
Change in VOT between
complementary output states
VOT
-
1.7
22
Change in VCMR between
complementary output states
VCMR
-
20.2
35
Table 19. Current Consumption at 3.3V
Parameter
Symbol
Output Type
Conditions
Typical
Maximum
Unit
Current Consumption
IDD
CML
FOUT = 156.25MHz
97
104
mA
FOUT = 1250MHz
110
117
HCSL
FOUT = 156.25MHz
113
120
mA
FOUT = 1250MHz
123
130
LVPECL
FOUT = 156.25MHz
113
120
mA
FOUT = 1250MHz
124
132
LVDS
FOUT = 156.25MHz
97
104
mA
FOUT = 1250MHz
110
117



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com