Electronic Components Datasheet Search
  English  ▼

X  

XFC216 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # XFC216
Description  XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XFC216 Datasheet(HTML) 3 Page - Renesas Technology Corp

  XFC216 Datasheet HTML 1Page - Renesas Technology Corp XFC216 Datasheet HTML 2Page - Renesas Technology Corp XFC216 Datasheet HTML 3Page - Renesas Technology Corp XFC216 Datasheet HTML 4Page - Renesas Technology Corp XFC216 Datasheet HTML 5Page - Renesas Technology Corp XFC216 Datasheet HTML 6Page - Renesas Technology Corp XFC216 Datasheet HTML 7Page - Renesas Technology Corp XFC216 Datasheet HTML 8Page - Renesas Technology Corp XFC216 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
©2019-2023 Renesas Electronics Corporation
R31DS0029EU0601 September 13, 2023
XF Datasheet
Ordering Information (XO)
Custom Part Configuration Utility: https://www.renesas.com/customxo
Ordering Information (VCXO)
XF
Family and ASIC
L
Output Type
2
Package
3
Voltage
5
Precision
125.000000
Frequency
I
Temperature Range
 I: Industrial range: ‐40 to +85°C
 K: Extended industrial range: ‐40 to +105°C
125.000000 Listed in MHz to 6 digits
   015.000000MHz to 999.999999MHz
F00.000000 to F99.999999 1500MHz to 1599.999MHz
G00.000000 to G99.999999 1600MHz to 1699.999MHz
H00.000000 to H99.999999 1700MHz to 1799.999MHz
I00.000000 to I99.999999 1800MHz to 1899.999MHz
J00.000000 to J99.999999 1900MHz to 1999.999MHz     
K00.000000 to K99.999999 2000MHz to 2099.999MHz
  5: ±50 ppm (K only)
  6: ±25 ppm (I only)
 1: 1.8 VDC ±5%
 2: 2.5 VDC ±5%
 3: 3.3 VDC ±5% 
 5: 5.0 x 3.2 mm
 3: 3.2 x 2.5 mm
 2: 2.5 x 2.0 mm
 C: CML  
 L: LVDS
 P: LVPECL
 N: HCSL
 XF: 150fs jitter max.
  
XF
Family and ASIC
L
Output Type
2
Package
3
Voltage
X
Precision
125.000000
Frequency
I
Temperature Range
 I: Industrial range  ‐40 to +85 °C
 K: Extended industrial range  ‐40 to +105 °C
 125.000000 Listed in MHz to 6 digits
   015.000000MHz to 999.999999MHz
 F00.000000 to F99.999999 1500MHz to 1599.999MHz
 G00.000000 to G99.999999 1600MHz to 1699.999MHz
 H00.000000 to H99.999999 1700MHz to 1799.999MHz
 I00.000000 to I99.999999 1800MHz to 1899.999MHz
 J00.000000 to J99.999999 1900MHz to 1999.999MHz     
 K00.000000 to K99.999999 2000MHz to 2099.999MHz
  X: ±100ppm VCXO Pull Range; 20K VCXO Bandwidth
  Y: ±150ppm VCXO Pull Range; 20K VCXO Bandwidth
  Z: ±200ppm VCXO Pull Range; 20K VCXO Bandwidth
 1: 1.8 VDC ±5%
 2: 2.5 VDC ±5%
 3: 3.3 VDC ±5% 
 2: 2.5 x 2.0 mm
 C: CML  
 L: LVDS
 P: LVPECL
 N: HCSL
 XF: 150fs jitter max.
  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com