Electronic Components Datasheet Search
  English  ▼

X  

XFC216 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # XFC216
Description  XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XFC216 Datasheet(HTML) 1 Page - Renesas Technology Corp

  XFC216 Datasheet HTML 1Page - Renesas Technology Corp XFC216 Datasheet HTML 2Page - Renesas Technology Corp XFC216 Datasheet HTML 3Page - Renesas Technology Corp XFC216 Datasheet HTML 4Page - Renesas Technology Corp XFC216 Datasheet HTML 5Page - Renesas Technology Corp XFC216 Datasheet HTML 6Page - Renesas Technology Corp XFC216 Datasheet HTML 7Page - Renesas Technology Corp XFC216 Datasheet HTML 8Page - Renesas Technology Corp XFC216 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
©2019-2023 Renesas Electronics Corporation
R31DS0029EU0601 September 13, 2023
Description
The XF devices are ultra-low phase noise quartz-based PLL
oscillators supporting a large range of frequencies and output
interface types. These devices are designed to operate at three
different power supplies with several pinout configurations, as well
as two operational temperature ranges.
The XF devices can be programmed to generate an output
frequency from 15MHz to 2100MHz with a resolution as low as
1Hz accuracy. The configuration capability of this family of devices
allows for fast delivery times for both sample and large production
orders.
Parts are for one time programming (OTP) at the factory for a
fixed frequency application, or can be field programmable using
I2C, based on system needs (see notes under Pin Descriptions).
Typical Applications
▪ FOM Gear Box
▪ Data centers
▪ 10G / 40G / 100G / 400G Ethernet
Features
▪ Output types: LVDS, LVPECL, CML
• Frequency range: 15MHz to 2100MHz
▪ Output type: HCSL
• Frequency range: 15MHz to 725MHz
▪ Supply voltage options: 1.8V, 2.5V, or 3.3V
▪ Phase jitter (12kHz to 20MHz): 120fs typical
▪ Package options:
• 5.0 × 3.2 mm
• 3.2 × 2.5 mm
• 2.5 × 2.0 mm
▪ Operating temperatures and frequency stability:
• -40°C to +85°C, ±25ppm
• -40°C to +105°C, ±50ppm
Pin Assignments
Figure 1. 2.5 × 2.0 mm Package
Figure 2. 5.0 × 3.2 mm and 3.2 × 2.5 mm Packages
Output 0
Output 0b
Ground Output
VDD Core
Ground Core
VDD Output
NC
OE
SDA
Voltage Control
NC
SCL
1
2
3
4
5
6
12
11
10
9
8
7
1
2
3
4
5
6
NC
OE
OUT0
OUT0b
VDD
GND
8
SCL
7
SDA
XF
Datasheet
XF Plastic Package Family of Low Phase
Noise Quartz-based PLL Oscillators


Similar Part No. - XFC216

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
XFC216125.000000I RENESAS-XFC216125.000000I Datasheet
903Kb / 25P
XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
July 13, 2021
XFC216125.000000K RENESAS-XFC216125.000000K Datasheet
903Kb / 25P
XF Plastic Package Family of Low Phase Noise Quartz-based PLL Oscillators
July 13, 2021
More results

Similar Description - XFC216

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FE-103A ETC2-FE-103A Datasheet
339Kb / 2P
LOW PHASE NOISE QUARTZ OSCILLATORS
logo
Crystek Corporation
CCHD-950 CRYSTEKCRYSTAL-CCHD-950 Datasheet
906Kb / 2P
Ultra-Low Phase Noise Oscillators
logo
Nel Frequency Controls,...
AA-A3DDXXX-X NEL-AA-A3DDXXX-X Datasheet
161Kb / 3P
of crystal oscillators (XO) provides low phase noise LVDS complementary outputs
AA-XAEXXX-X NEL-AA-XAEXXX-X Datasheet
150Kb / 4P
of quartz crystal oscillators provide excellent temperature stability with LVDS complementary outputs and very low phase noise
logo
Integrated Device Techn...
ICS670-04 IDT-ICS670-04 Datasheet
198Kb / 7P
Patented PLL with low phase noise
XA IDT-XA Datasheet
481Kb / 20P
XA Family of Low Phase Noise Quartz-based PLL Oscillators
XL IDT-XL_18 Datasheet
623Kb / 27P
XL Family of Low Phase Noise Quartz-based PLL Oscillators
XU IDT-XU Datasheet
458Kb / 21P
XU Family of Low Phase Noise Quartz-based PLL Oscillators
logo
Crystek Corporation
CVHD-950 CRYSTEKCRYSTAL-CVHD-950 Datasheet
580Kb / 3P
Ultra-Low Phase Noise Oscillators
logo
Abracon Corporation
ABX0101 ABRACON-ABX0101 Datasheet
57Kb / 5P
Low Phase Noise PLL Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com