Electronic Components Datasheet Search
  English  ▼

X  

DKT30CHSDPD Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # DKT30CHSDPD
Description  USB C Multiport Adapter - USB-C to 4K HDMI, 100W Power Delivery Pass-through, SD/MicroSD Slot, 3-Port USB 3.0 Hub - USB Type-C Mini Dock - 12" (30cm) Long Attached Cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30CHSDPD Datasheet(HTML) 1 Page - StarTech.com Ltd.

  DKT30CHSDPD Datasheet HTML 1Page - StarTech.com Ltd. DKT30CHSDPD Datasheet HTML 2Page - StarTech.com Ltd. DKT30CHSDPD Datasheet HTML 3Page - StarTech.com Ltd. DKT30CHSDPD Datasheet HTML 4Page - StarTech.com Ltd. DKT30CHSDPD Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
USB C Multiport Adapter - USB-C to 4K HDMI, 100W Power Delivery Pass-through, SD/MicroSD
Slot, 3-Port USB 3.0 Hub - USB Type-C Mini Dock - 12" (30cm) Long Attached Cable
Product ID: DKT30CHSDPD
This USB-C multiport adapter with HDMI turns your MacBook Pro, Dell XPS, or other USB-C laptops into a
workstation, anywhere you go. The USB Type-C multiport adapter provides 4K HDMI video output, two USB 3.2 Gen
2 Type-A (10Gbps) ports, and a USB Type-C port (power/data), all through one connection to your laptop's USB-C or
Thunderbolt 3 port. Plus, it offers advanced charging through USB Power Delivery 3.0 and an extra-long attached
12-inch (30 cm) host cable for an extended reach to offer more set up flexibility.
The portable docking station connects your laptop to a 4K 30Hz HDMI monitor (3840 x 2160p) to create a powerful
workstation. It can also connect to an ultrawide monitor.
The USB-C to USB 3.2 Gen 1 hub gives you two USB-A ports one and a USB-C port (shared power/data) to connect
your latest and legacy USB devices.
Access your multimedia content with ease. The multiport adapter provides direct access to your SD, SDHC and
SDXC memory cards or microSD (uSD) cards.
With support for USB PD 3.0 (up to 100W), the USB Type-C multiport adapter lets you power and charge your laptop,
and power your peripherals when connected to a USB-C power adapter. PD 3.0 features Fast Role Swap to prevent
USB data disruption when you switch power sources (USB-C power adapter to bus power).
The DKT30CHSDPD is backed by a StarTech.com 3-year warranty and free lifetime technical support.
Note: To ensure full adapter functionality, your laptop's USB-C port must support USB Power Delivery.
Certifications, Reports and Compatibility


Similar Part No. - DKT30CHSDPD

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
DKT30CHSDPD1 STARTECH-DKT30CHSDPD1 Datasheet
142Kb / 5P
USB C Multiport Adapter - USB-C to 4K 60Hz HDMI 2.0, 100W Power Delivery Pass-through,SD/MicroSD, 2-Port USB 3.0 Hub, GbE - USB Type-C Mini Dock - 12" Long Attached Cable
More results

Similar Description - DKT30CHSDPD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MC000996 ETC2-MC000996 Datasheet
219Kb / 1P
USB C to USB C Cable
logo
Tripp Lite. All Rights ...
U444-06N-H4GU-C TRIPPLITE-U444-06N-H4GU-C Datasheet
518Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub, USB-C Charging Port & Gigabit Ethernet Port, 4K x 2K
U444-06N-H4U-C TRIPPLITE-U444-06N-H4U-C Datasheet
515Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 4K x 2K
U444-06N-HU-C TRIPPLITE-U444-06N-HU-C Datasheet
516Kb / 2P
USB 3.1 Gen 1 USB-C to HDMI External Video Adapter with USB-A Hub and USB-C Charging Port, 1080p
logo
Phihong USA Inc.
AQ36A-59FA PHIHONG-AQ36A-59FA Datasheet
130Kb / 3P
36 Watt USB Power Delivery 3.0 Adapter with USB-C
AQ45A-59FA PHIHONG-AQ45A-59FA Datasheet
118Kb / 3P
45 Watt USB Power Delivery 3.0 Adapter with USB-C
logo
Tripp Lite. All Rights ...
U444-T6N-H4UBC TRIPPLITE-U444-T6N-H4UBC Datasheet
168Kb / 4P
USB 3.1 Gen 1 USB-C Adapter with PD Charging - 100W, Self-Storage Cable, Ultra 4K HDMI & USB-A Hub Port, Black
U442-DOCK5D-GY TRIPPLITE-U442-DOCK5D-GY Datasheet
167Kb / 4P
USB-C Docking Station - HDMI 4K @ 30 Hz, USB-AC, GbE, SD/Micro SD, PD Charging 3.0, USB-C Cable, Gray
U442-DOCK17-GY TRIPPLITE-U442-DOCK17-GY Datasheet
199Kb / 4P
USB-C Dock, Single Display - 4K HDMI, USB 3.2 Gen 1, USB-A/USB-C Hub, SATA III, 100W PD Charging, Gray
U460-002-2AM-C1 TRIPPLITE-U460-002-2AM-C1 Datasheet
161Kb / 3P
USB-C Multiport Adapter, 2x USB-A and 1X USB-C Ports, Card Reader, USB 3.0, Silver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com