Electronic Components Datasheet Search
  English  ▼

X  

DKT30CHSDPD Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # DKT30CHSDPD
Description  USB C Multiport Adapter - USB-C to 4K HDMI, 100W Power Delivery Pass-through, SD/MicroSD Slot, 3-Port USB 3.0 Hub - USB Type-C Mini Dock - 12" (30cm) Long Attached Cable
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

DKT30CHSDPD Datasheet(HTML) 2 Page - StarTech.com Ltd.

  DKT30CHSDPD Datasheet HTML 1Page - StarTech.com Ltd. DKT30CHSDPD Datasheet HTML 2Page - StarTech.com Ltd. DKT30CHSDPD Datasheet HTML 3Page - StarTech.com Ltd. DKT30CHSDPD Datasheet HTML 4Page - StarTech.com Ltd. DKT30CHSDPD Datasheet HTML 5Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Applications
Features
• 6-IN-1 MULTIPORT ADAPTER: USB-C multiport adapter w/ HDMI 4K 30Hz video output, 2x USB-A (USB 3.1 Gen
1 5Gbps & BC 1.2 charging), 1x USB-C (Data + 100W Power Delivery 3.0), MicroSD & SD Card Reader; works w/
ultra-wide monitors up to 3440x1440 @60Hz
• EXTRA LONG CABLE: USB C mini dock with 12" (30cm) attached cable for extended reach to reduce
port/connector strain on 2-in-1 devices like Surface Pro 7, iPad Pro, HP Elite x2 & laptops on riser stands
• RELIABLE PERFORMANCE: USB bus powered or via external USB-C power adapter; 100W Power Delivery 3.0
pass through w/ 12W reserved for adapter to avoid video flickering, device dropouts or overdrawing power common
in other hubs; up to 88W for laptop charging
• WIDE COMPATIBILITY: Fully compatible with USB-C laptops, ultrabooks & Chromebooks, plus Thunderbolt 3
laptops from HP, Dell, Lenovo, MacBooks (Intel processor and M1 chip), and Surface; works w/ Windows, macOS,
iPadOS, Android and Chrome OS
• PORTABLE & COMPACT: Portable USB Type-C multiport adapter is designed for easy transport in a laptop bag for
convenient on-the-go use between office, home office, shared office spaces, and business travel
Hardware
Warranty
3 Years
4K Support
Yes
Fast-Charge Port(s)
Yes
Displays Supported
1
Ports
6
Interface
USB 3.2 Gen 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com