Electronic Components Datasheet Search
  English  ▼

X  

TDA7564BPD Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA7564BPD
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7564BPD Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA7564BPD Datasheet HTML 25Page - STMicroelectronics TDA7564BPD Datasheet HTML 26Page - STMicroelectronics TDA7564BPD Datasheet HTML 27Page - STMicroelectronics TDA7564BPD Datasheet HTML 28Page - STMicroelectronics TDA7564BPD Datasheet HTML 29Page - STMicroelectronics TDA7564BPD Datasheet HTML 30Page - STMicroelectronics TDA7564BPD Datasheet HTML 31Page - STMicroelectronics TDA7564BPD Datasheet HTML 32Page - STMicroelectronics TDA7564BPD Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
TDA7564B
Examples of bytes sequence
29/34
10
Examples of bytes sequence
1 - Turn-on diagnostic - Write operation
2 - Turn-on diagnostic - Read operation
The delay from 1 to 2 can be selected by software, starting from 1 ms
3a - Turn-on of the power amplifier with 26dB gain, mute on, diagnostic defeat, High eff.
mode both channels.
.
3b - Turn-off of the power amplifier
4 - Offset detection procedure enable
5 - Offset detection procedure stop and reading operation (the results are valid only for the
offset detection bits (D2 of the bytes DB1, DB2, DB3, DB4)
.
●
The purpose of this test is to check if a D.C. offset (2V typ.) is present on the outputs,
produced by input capacitor with anomalous leakage current or humidity between pins.
●
The delay from 4 to 5 can be selected by software, starting from 1ms
6 - Current detection procedure start (the AC inputs must be with a proper signal that
depends on the type of load)
Current detection reading operation (the results valid only for the current sensor detection
bits - D5 of the bytes DB1, DB2, DB3, DB4)
.
●
During the test, a sinus wave with a proper amplitude and frequency (depending on the
loudspeaker under test) must be present. The minimum number of periods that are
needed to detect a normal load is 5.
●
The delay from 6 to 7 can be selected by software, starting from 1ms.
Start
Address byte with D0 = 0
ACK
IB1 with D6 = 1
ACK
IB2
ACK
STOP
Start Address byte with D0 = 1 ACK
DB1
ACK
DB2
ACK
DB3
ACK
DB4 ACK STOP
Start
Address byte with D0 = 0
ACK
IB1
ACK
IB2
ACK
STOP
X000000X
XXX1X011
Start
Address byte with D0 = 0
ACK
IB1
ACK
IB2
ACK
STOP
X0XXXXXX
XXX0XXXX
Start
Address byte with D0 = 0
ACK
IB1
ACK
IB2
ACK
STOP
XX1XX11X
XXX1X0XX
Start Address byte with D0 = 1 ACK
DB1
ACK
DB2
ACK
DB3
ACK
DB4
ACK STOP
Start
Address byte with D0 = 0
ACK
IB1
ACK
IB2
ACK
STOP
XX01111X
XXX1X1XX
Start Address byte with D0 = 1 ACK DB1 ACK
DB2
ACK
DB3
ACK
DB4
ACK STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com