Electronic Components Datasheet Search
  English  ▼

X  

TDA7564BPD Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA7564BPD
Description  4 x 50W multifunction quad power amplifier with built-in diagnostics features
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7564BPD Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA7564BPD Datasheet HTML 26Page - STMicroelectronics TDA7564BPD Datasheet HTML 27Page - STMicroelectronics TDA7564BPD Datasheet HTML 28Page - STMicroelectronics TDA7564BPD Datasheet HTML 29Page - STMicroelectronics TDA7564BPD Datasheet HTML 30Page - STMicroelectronics TDA7564BPD Datasheet HTML 31Page - STMicroelectronics TDA7564BPD Datasheet HTML 32Page - STMicroelectronics TDA7564BPD Datasheet HTML 33Page - STMicroelectronics TDA7564BPD Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
Package information
TDA7564B
30/34
11
Package information
In order to meet environmental requirements, ST (also) offers these devices in ECOPACK®
packages. ECOPACK® packages are lead-free. The category of second Level Interconnect
is marked on the package and on the inner box label, in compliance with JEDEC Standard
JESD97. The maximum ratings related to soldering conditions are also marked on the inner
box label.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Figure 33. Flexiwatt25 (horizontal) mechanical data and package dimensions
OUTLINE AND
MECHANICAL DATA
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.45
4.50
4.65
0.175
0.177
0.183
B
1.80
1.90
2.00
0.070
0.074
0.079
C
1.40
0.055
D
2.00
0.079
E
0.37
0.39
0.42
0.014
0.015
0.016
F (1)
0.57
0.022
G
0.75
1.00
1.25
0.029
0.040
0.049
G1
23.70
24.00
24.30
0.933
0.945
0.957
H (2)
28.90
29.23
29.30
1.139
1.150
1.153
H1
17.00
0.669
H2
12.80
0.503
H3
0.80
0.031
L (2)
21.64
22.04
22.44
0.852
0.868
0.883
L1
10.15
10.5
10.85
0.40
0.413
0.427
L2 (2)
15.50
15.70
15.90
0.610
0.618
0.626
L3
7.70
7.85
7.95
0.303
0.309
0.313
L4
5
0.197
L5
5.15
5.45
5.85
0.203
0.214
0.23
L6
1.80
1.95
2.10
0.070
0.077
0.083
M
2.75
3.00
3.50
0.108
0.118
0.138
M1
4.73
0.186
M2
5.61
0.220
N
2.20
0.086
P
3.20
3.50
3.80
0.126
0.138
0.15
R
1.70
0.067
R1
0.50
0.02
R2
0.30
0.12
R3
1.25
0.049
R4
0.50
0.02
V5˚ (Typ.)
V1
3˚ (Typ.)
V2
20˚ (Typ.)
V3
45˚ (Typ.)
Flexiwatt25
(Horizontal)
7399733 A
(1): dam-bar protusion not included; (2): molding protusion included



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com