Electronic Components Datasheet Search
  English  ▼

X  

HD2DPMM3M Datasheet(PDF) 1 Page - StarTech.com Ltd.

Part # HD2DPMM3M
Description  3 m (9.8 ft.) HDMI to DisplayPort Cable - 4K 30Hz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HD2DPMM3M Datasheet(HTML) 1 Page - StarTech.com Ltd.

  HD2DPMM3M Datasheet HTML 1Page - StarTech.com Ltd. HD2DPMM3M Datasheet HTML 2Page - StarTech.com Ltd. HD2DPMM3M Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3 m (9.8 ft.) HDMI to DisplayPort Cable - 4K 30Hz
Product ID: HD2DPMM3M
This 3 m (10ft.) HDMI to DisplayPort cable with USB power lets you connect an HDMI video source, such as your
laptop, desktop, Blu-ray player, or camera, to a DisplayPort monitor or projector without the need for additional video
cables. The adapter cable features male connectors enabling you to connect your video source directly to the display,
with no need for additional adapters or cables.
The active HDMI 1.4 to DisplayPort 1.2 converter cable offers plug-and-play installation, providing a hassle-free setup
with no software or drivers to install. The adapter is powered via a USB port, avoiding the need for an extra power
adapter.
With support for 4K at 30Hz, you get a sharp, crisp picture that’s richer and more true-to-life than traditional HD, with
far greater detail. The HDMI to DisplayPort Adapter cable delivers Ultra HD content to your DisplayPort monitor and
supports 7.1 channel surround sound audio.
The HDMI to DisplayPort adapter is backward compatible with 1080p and 1440p displays, which makes it a great
accessory to future-proof your existing setup for 4K video.
StarTech.com conducts thorough compatibility and performance testing on all our products to ensure we are meeting
or exceeding industry standards and providing high-quality products to IT Professionals. Our local StarTech.com
Technical Advisors have broad product expertise and work directly with our StarTech.com Engineers to provide
support for our customers both pre and post-sales.
The HD2DPMM3M is backed by a StarTech.com 2-year warranty and free lifetime technical support.
Certifications, Reports and Compatibility


Similar Part No. - HD2DPMM3M

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
HD2DPMM2M STARTECH-HD2DPMM2M Datasheet
153Kb / 4P
2 m (6.6 ft.) HDMI to DisplayPort Cable - 4K 30Hz
More results

Similar Description - HD2DPMM3M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P583003 TRIPPLITE-P583003 Datasheet
474Kb / 2P
Mini DisplayPort to DisplayPort Cable (M-M), 3-ft
U444-003-H TRIPPLITE-U444-003-H Datasheet
170Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI 4K Adapter Cable (M/M), Thunderbolt 3 Compatible, 4K @30Hz, 3 ft.
U444-006-H TRIPPLITE-U444-006-H Datasheet
170Kb / 4P
USB 3.1 Gen 1 USB-C to HDMI 4K Adapter Cable (M/M), Thunderbolt 3 Compatible, 4K @30Hz, 6 ft.
P580-020 TRIPPLITE-P580-020 Datasheet
157Kb / 2P
DisplayPort Cable with Latches (M/M), 4K x 2K 3840 x 2160 @ 30Hz, 20-ft.
P580-025 TRIPPLITE-P580-025 Datasheet
157Kb / 2P
DisplayPort Cable with Latches (M/M), 4K x 2K 3840 x 2160 @ 30Hz, 25-ft.
P582-003 TRIPPLITE-P582-003 Datasheet
162Kb / 2P
DisplayPort to HDMI Cable Adapter (M/M), 3-ft.
P582-006 TRIPPLITE-P582-006 Datasheet
166Kb / 2P
DisplayPort to HDMI Cable Adapter (M/M), 6-ft.
P582-010 TRIPPLITE-P582-010 Datasheet
166Kb / 2P
DisplayPort to HDMI Cable Adapter (M/M), 10-ft.
P586-003-HDMI TRIPPLITE-P586-003-HDMI Datasheet
173Kb / 2P
Mini DisplayPort to HDMI Adapter Cable (M/M), 1080p, 3 ft.
logo
IOGEAR
GHDMDPF IOGEAR-GHDMDPF Datasheet
180Kb / 2P
HDMI짰 (M) to DisplayPort (F) Adapter; 4K @30Hz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com