Electronic Components Datasheet Search
  English  ▼

X  

HD2DPMM3M Datasheet(PDF) 2 Page - StarTech.com Ltd.

Part # HD2DPMM3M
Description  3 m (9.8 ft.) HDMI to DisplayPort Cable - 4K 30Hz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STARTECH [StarTech.com Ltd.]
Direct Link  https://www.startech.com/
Logo STARTECH - StarTech.com Ltd.

HD2DPMM3M Datasheet(HTML) 2 Page - StarTech.com Ltd.

  HD2DPMM3M Datasheet HTML 1Page - StarTech.com Ltd. HD2DPMM3M Datasheet HTML 2Page - StarTech.com Ltd. HD2DPMM3M Datasheet HTML 3Page - StarTech.com Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Applications
• Use in your boardroom or office workstations for installations requiring 3 meters (9.8 feet) of cable
• Connect your HDMI computer to a DisplayPort monitor
• Viewing video footage from your HDMI source on a DisplayPort monitor
Features
• Provides a convenient plug-and-play solution with no additional cables required
• Active HDMI to DisplayPort conversion transmits high-definition audio and video from your computer to a DP
monitor
• Deliver astonishing picture quality with support for video resolutions up to Ultra HD 4K
Hardware
Warranty
2 Years
Active or Passive Adapter
Active
AV Input
HDMI - 1.4
AV Output
DisplayPort
Audio
Yes
Chipset ID
MegaChips Technology - STDP2600
Performance
Video Revision
HDMI 1.4
Maximum Digital
Resolutions
3840 x2160
Supported Resolutions
DisplayPort: 3840x2160 (4K) / 30Hz
Additional resolutions and refresh rates may be supported
Wide Screen Supported
Yes
Audio Specifications
DisplayPort - 7.1 Channel Audio
Connector(s)
Connector A
1 - HDMI (19 pin)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com