Electronic Components Datasheet Search
  English  ▼

X  

XPC716 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # XPC716
Description  XP Family of Ultra-low Phase Noise Quartz-based PLL Oscillators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XPC716 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button XPC716 Datasheet HTML 12Page - Renesas Technology Corp XPC716 Datasheet HTML 13Page - Renesas Technology Corp XPC716 Datasheet HTML 14Page - Renesas Technology Corp XPC716 Datasheet HTML 15Page - Renesas Technology Corp XPC716 Datasheet HTML 16Page - Renesas Technology Corp XPC716 Datasheet HTML 17Page - Renesas Technology Corp XPC716 Datasheet HTML 18Page - Renesas Technology Corp XPC716 Datasheet HTML 19Page - Renesas Technology Corp XPC716 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
16
©2022 Renesas Electronics Corporation
R31DS0067EU0401 February 10, 2022
XP Datasheet
Recommended Termination for HCSL Outputs
Figure 13 is the recommended source termination for applications where the driver and receiver will be on a separate PCBs. This
termination is the standard for PCI Express™ and HCSL output types. All traces should be 50Ω impedance single-ended or 100Ω
differential. Figure 14 is the recommended termination for applications where a point-to-point connection can be used. A point-to-point
connection contains both the driver and the receiver on the same PCB. With a matched termination at the receiver, transmission-line
reflections will be minimized. In addition, a series resistor (Rs) at the driver offers flexibility and can help dampen unwanted reflections.
The optional resistor can range from 0Ω to 33Ω. All traces should be 50Ω impedance single-ended or 100Ω differential.
Figure 13. Recommended Source Termination (where the driver and receiver will be on separate PCBs)
Figure 14. Recommended Termination (where a point-to-point connection can be used)
CML Termination
Figure 15 shows an example of the termination for a CML driver. In this example, the transmission line characteristic impedance is 50Ω.
The R1 and R2 50Ω matched load terminations are pulled up to VDDO. The matched loads are located close to the receiver.
Figure 15. CML Termination Example
0-0.2"
PCI Expres s
L1
L1
1-14"
Driver
Rs
0.5" Max
L3
L4
L2
L2
49.9 +/- 5%
22 to 33 +/-5%
Rt
L3
L4
L5
0.5 - 3.5"
L5
Connector
PCI Expres s
Add-in Card
PCI Expres s
0-0.2"
PCI Expres s
0-0.2"
0-18"
L1
L1
Rs
Driver
0.5" Max
L3
L3
L2
L2
49.9 +/- 5%
0 to 33
0 to 33
Rt
CML Driv er
Zo = 50
Zo = 50
R1
50
R2
50
VDDO
VDDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com