Electronic Components Datasheet Search
  English  ▼

X  

XPC716 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # XPC716
Description  XP Family of Ultra-low Phase Noise Quartz-based PLL Oscillators
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XPC716 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button XPC716 Datasheet HTML 13Page - Renesas Technology Corp XPC716 Datasheet HTML 14Page - Renesas Technology Corp XPC716 Datasheet HTML 15Page - Renesas Technology Corp XPC716 Datasheet HTML 16Page - Renesas Technology Corp XPC716 Datasheet HTML 17Page - Renesas Technology Corp XPC716 Datasheet HTML 18Page - Renesas Technology Corp XPC716 Datasheet HTML 19Page - Renesas Technology Corp XPC716 Datasheet HTML 20Page - Renesas Technology Corp XPC716 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
17
©2022 Renesas Electronics Corporation
R31DS0067EU0401 February 10, 2022
XP Datasheet
Package Outline Drawings
The package outline drawings are located at the end of this document and are accessible from the Renesas website. The package
information is the most current data available and is subject to change without revision of this document.
7.0 × 5.0 mm, 8-CLCC (JD8D1) package
5.0 × 3.2 mm, CLCC-8 (JX8D1) package
3.2 × 2.5 mm, 8-COL (JSW8D1) package
Marking Diagrams
Figure 16. Marking Configuration for the 7.0 × 5.0 mm and 5.0 × 3.2 mm Packages
Figure 17. Marking Configuration for the 3.2 × 2.5 mm Package
XPxxxx
ABC-YW
$PF**
▪ Line 1 denotes the truncated part number (e.g., “xxxx” is L726, P516).
▪ Line 2 indicates the following:
• “ABC” denotes the truncated first three digits of the frequency code (e.g., 156).
• “-YW” denotes the last digit of the year and week when the part was assembled.
▪ Line 3 indicates the following:
• “$” denotes the mark location.
• “PF” is where “P” denotes the package coding number and “F” denotes the frequency coding number.
• “**” denotes the sequential lot number.
▪ Line 1 indicates the following:
• “ABC” denotes the truncated first three digits of the frequency code (e.g., 156).
• “-YW” denotes the last digit of the year and week when the part was assembled.
▪ Line 2 indicates the following:
• “$” denotes the mark location.
• “PF” is where “P” denotes the package coding number and “F” denotes the frequency coding number.
• “**” denotes the sequential lot number.
ABC-YW
$PF**



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com