Electronic Components Datasheet Search
  English  ▼

X  

XLL335 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # XLL335
Description  XL Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XLL335 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button XLL335 Datasheet HTML 8Page - Renesas Technology Corp XLL335 Datasheet HTML 9Page - Renesas Technology Corp XLL335 Datasheet HTML 10Page - Renesas Technology Corp XLL335 Datasheet HTML 11Page - Renesas Technology Corp XLL335 Datasheet HTML 12Page - Renesas Technology Corp XLL335 Datasheet HTML 13Page - Renesas Technology Corp XLL335 Datasheet HTML 14Page - Renesas Technology Corp XLL335 Datasheet HTML 15Page - Renesas Technology Corp XLL335 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
©2018-2022 Renesas Electronics Corporation
March 2, 2022
XL Datasheet
Notes for all AC Electrical Characteristics tables:
1 All jitter values provided at 156.25MHz, unless noted otherwise.
2 Stability is inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, aging, shock and vibration.
ODC
Output Clock Duty Cycle
LVDS.
47
-
53
%
LVPECL.
47
-
53
LVCMOS.
47
-
53
TOE
Output Enable/ Disable Time
—
-
-
100
ns
JPER
Period Jitter, RMS
LVDS.
-
4
-
ps
LVPECL.
-
5.12
-
LVCMOS.
FOUT = 125MHz.
-
3.3
-
RJ
Random Jitter
LVDS.
-
1.4
-
ps
LVPECL.
-
1.36
-
LVCMOS.
FOUT = 125MHz.
-
1.3
-
DJ
Deterministic Jitter
LVDS.
-
9.2
-
ps
LVPECL.
-
10
-
LVCMOS.
FOUT = 125MHz.
-
6.7
-
TJ
Total Jitter
LVDS.
-
29.2
-
ps
LVPECL.
-
29.3
-
LVCMOS.
FOUT = 125MHz.
-
25.6
-
fJITTER Phase Jitter (12kHz–20MHz)
LVDS.
-
1040
-
fs
LVPECL.
-
1200
-
LVCMOS.
FOUT = 125MHz.
-
850
-
Table 13. 2.5V AC Electrical Characteristics (Cont.)
VDD = 2.5V ±5%, TA = -20°C to +70°C; -40°C to +85°C, -40°C to +105°C.
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com