Electronic Components Datasheet Search
  English  ▼

X  

XLL335 Datasheet(PDF) 16 Page - Renesas Technology Corp

Part # XLL335
Description  XL Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XLL335 Datasheet(HTML) 16 Page - Renesas Technology Corp

Back Button XLL335 Datasheet HTML 12Page - Renesas Technology Corp XLL335 Datasheet HTML 13Page - Renesas Technology Corp XLL335 Datasheet HTML 14Page - Renesas Technology Corp XLL335 Datasheet HTML 15Page - Renesas Technology Corp XLL335 Datasheet HTML 16Page - Renesas Technology Corp XLL335 Datasheet HTML 17Page - Renesas Technology Corp XLL335 Datasheet HTML 18Page - Renesas Technology Corp XLL335 Datasheet HTML 19Page - Renesas Technology Corp XLL335 Datasheet HTML 20Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
©2018-2022 Renesas Electronics Corporation
March 2, 2022
XL Datasheet
Revision History
Revision Date
Description of Change
March 2, 2022
Changed Output Duty Cycle minimum and maximum values in Table 12 and Table 13 from 45% to 47% and
55% to 53% respectively.
January 11, 2022
▪ Removed Aging parameters in Table 12 and Table 13.
▪ Added footnote 2 after Table 13.
December 1, 2021
Updated Frequency Stability values in Table 12 and Table 13.
November 23, 2021
Added Frequency Stability and Operating Temperature Decoder table after Ordering Information.
August 18, 2021
Moved XO and VCXO ordering information tables to be just after Pin Descriptions.
January 19, 2021
▪ Removed 4-pin package description table, figure, and package drawing references.
▪ Added footnote for pin 5 in Table 1.
▪ Added footnote under “Output Type” in XO Ordering Information.
January 12, 2021
Added Marking Diagrams section and updated Package Outline Drawings links.
October 27, 2020
Added pin counts to Output Type in XO ordering table.
September 21, 2020
Added typical IDD to tables. Added more frequency ranges to IDD tables. Updated H to be LVCMOS in order
code.
April 27, 2020
Updated ODC parameter. 2nd LVCMOS row to be changed from <= to > 62.5 MHz.
September 7, 2018
Updated frequency stability options value from ±20ppm to ±25ppm for -40°C to +85°C XO only.
June 25, 2018
▪ Updated Package Outline Drawings section.
May 4, 2018
▪ Added XO and VCXO options.
▪ Updated description and Features sections.
▪ Updated Package Outline Drawings section.
▪ Added VCXO Ordering Information decoder diagram.
January 12, 2018
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com