Electronic Components Datasheet Search
  English  ▼

X  

XUP526 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # XUP526
Description  XU Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XUP526 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button XUP526 Datasheet HTML 7Page - Renesas Technology Corp XUP526 Datasheet HTML 8Page - Renesas Technology Corp XUP526 Datasheet HTML 9Page - Renesas Technology Corp XUP526 Datasheet HTML 10Page - Renesas Technology Corp XUP526 Datasheet HTML 11Page - Renesas Technology Corp XUP526 Datasheet HTML 12Page - Renesas Technology Corp XUP526 Datasheet HTML 13Page - Renesas Technology Corp XUP526 Datasheet HTML 14Page - Renesas Technology Corp XUP526 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
©2016-2024 Renesas Electronics Corporation
November 21, 2024
XU Datasheet
Notes for all AC Electrical Characteristics tables:
1 A pull-up resistor from VDD to E/D enables output when pin 1 is left open.
2 Installation should include a 0.01μF bypass capacitor placed between VDD and GND to minimize power supply line noise.
3 Stability is inclusive of 25°C tolerance, operating temperature range, input voltage change, load change, aging, shock and vibration.
4 Standard LVCMOS frequencies include 10MHz, 12MHz, 12.288MHz, 16MHz, 20MHz, 24MHz, 24.576MHz, 25MHz, 33.333MHz, 40MHz, 48MHz,
50MHz, 100MHz, 125MHz and 156.25MHz.
5 Standard differential frequencies include 100MHz, 106.25MHz, 125MHz, 150MHz, 155.52MHz, 156.25MHz, 200MHz, 212.5MHz, 250MHz,
300MHz, 312.5MHz and 400MHz.
tF
Output Fall Time
LVDS.
80% to 20% Vpk-pk.
-
250
315
ps
LVPECL.
-
250
350
HCSL.
-
-
320
LVCMOS.
90% to 10% VDD.
-
5
-
ns
ODC
Output Clock Duty Cycle
LVDS.
FOUT < 156.25MHz.
45
-
55
%
FOUT < 156.25MHz.
40
-
60
LVPECL.
FOUT < 312.5MHz.
45
-
55
FOUT > 312.5MHz.
40
-
60
HCSL.
40
-
60
LVCMOS.
FOUT < 62.5MHz.
45
-
55
FOUT > 62.5MHz.
40
-
60
TOE
Output Enable/ Disable Time
-
-
100
ns
fJITTER Phase Jitter
(12kHz–20MHz)
LVDS.
-
800
1200
fsec
LVPECL.
-
750
1200
HCSL.
-
100
1200
LVCMOS.
FOUT = 100MHz.
-
800
1200
Table 14. 1.8V AC Electrical Characteristics (Cont.)
VDD = 1.8V ±5%, TA = -20°C to +70°C; -40°C to +85°C, -40°C to +105°C.
Symbol
Parameter
Test Condition
Minimum
Typical
Maximum
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com