Electronic Components Datasheet Search
  English  ▼

X  

XUP526 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # XUP526
Description  XU Family of Low Phase Noise Quartz-based PLL Oscillators
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

XUP526 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button XUP526 Datasheet HTML 9Page - Renesas Technology Corp XUP526 Datasheet HTML 10Page - Renesas Technology Corp XUP526 Datasheet HTML 11Page - Renesas Technology Corp XUP526 Datasheet HTML 12Page - Renesas Technology Corp XUP526 Datasheet HTML 13Page - Renesas Technology Corp XUP526 Datasheet HTML 14Page - Renesas Technology Corp XUP526 Datasheet HTML 15Page - Renesas Technology Corp XUP526 Datasheet HTML 16Page - Renesas Technology Corp XUP526 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
©2016-2024 Renesas Electronics Corporation
November 21, 2024
XU Datasheet
Figure 3. HCSL Output Waveforms
Figure 4. LVCMOS Output Waveforms
Oscillator Symmetry
Rise Time/Fall Time Measurements
OUTPUT 2
OUTPUT 1
OUTPUT 2
OUTPUT 1
VOH
VOL
VOH
VOL
½ Period
Period
TR
TF
20% to 80%
Rise Time/Fall Time Measurements
On Time
½ Period
Period
20% to 80%
10% to 90%
0V to VDD
10% to 90%
Rise Time
90% to 10%
Fall Time
20% to 80%
Rise Time
80% to 20%
Fall Time
Off Time
½ Period
50% VDD
Oscillator Symmetry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com