Electronic Components Datasheet Search
  English  ▼

X  

CAT32 Datasheet(PDF) 5 Page - Catalyst Semiconductor

Part # CAT32
Description  CMOS White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT32 Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT32 Datasheet HTML 1Page - Catalyst Semiconductor CAT32 Datasheet HTML 2Page - Catalyst Semiconductor CAT32 Datasheet HTML 3Page - Catalyst Semiconductor CAT32 Datasheet HTML 4Page - Catalyst Semiconductor CAT32 Datasheet HTML 5Page - Catalyst Semiconductor CAT32 Datasheet HTML 6Page - Catalyst Semiconductor CAT32 Datasheet HTML 7Page - Catalyst Semiconductor CAT32 Datasheet HTML 8Page - Catalyst Semiconductor CAT32 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
CAT32
© Catalyst Semiconductor, Inc.
5
Doc. No. MD-5001 Rev. AD
Characteristics subject to change without notice
TYPICAL CHARACTERISTICS
VIN = 3.6V, TAMB = 25ºC , CIN = 4.7µF, COUT = 1µF, L = 6.8µH, unless otherwise specified.
Switch Resistance vs. Input Voltage
0.0
0.2
0.4
0.6
0.8
1.0
23
45
6
INPUT VOLTAGE [V]
Switch Resistance vs. Temperature
0.0
0.2
0.4
0.6
0.8
1.0
-50
-25
0
25
50
75
100
125
TEMPERATURE [ºC]
VIN = 3V
LED Pin Voltage vs. LED current
0
50
100
150
200
250
300
0
8
16
24
32
40
LED CURRENT [mA]
VSW, IL, & VOUT Signal Waveforms
Efficiency vs. Input Voltage
60
65
70
75
80
85
23
4
5
6
INPUT VOLTAGE [V]
4 LEDs at 15mA
VOUT = 13V
PWM on SHDN
¯¯¯¯¯ pin Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com