Electronic Components Datasheet Search
  English  ▼

X  

CAT32 Datasheet(PDF) 7 Page - Catalyst Semiconductor

Part # CAT32
Description  CMOS White LED Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT32 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT32 Datasheet HTML 3Page - Catalyst Semiconductor CAT32 Datasheet HTML 4Page - Catalyst Semiconductor CAT32 Datasheet HTML 5Page - Catalyst Semiconductor CAT32 Datasheet HTML 6Page - Catalyst Semiconductor CAT32 Datasheet HTML 7Page - Catalyst Semiconductor CAT32 Datasheet HTML 8Page - Catalyst Semiconductor CAT32 Datasheet HTML 9Page - Catalyst Semiconductor CAT32 Datasheet HTML 10Page - Catalyst Semiconductor CAT32 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
CAT32
© Catalyst Semiconductor, Inc.
7
Doc. No. MD-5001 Rev. AD
Characteristics subject to change without notice
APPLICATION INFORMATION
INDUCTOR SELECTION AND EFFICIENCY
Inductor vendors are shown below. Contact the manufacturer for detailed technical data and new product
information.
Table 1: Inductor Manufacturers
Inductor
L (μH)
Maximum
DCR (mΩ)
Maximum
Height (mm)
Vendor
Web
ELJEA4R7
4.7
180
2.2
ELJEA6R8
6.8
250
2.2
Panasonic
714.373.7334
www.panasonic.com
LQH3C4R7M24,
LQH32CN4R7M11
4.7
260
2.2
LQH3C100K24,
LQH32CN100K11
10
300
2.2
Murata
770.436.1300
www.murata.com
LB2016B4R7
4.7
250
2.0
LB2016B100
3.8
350
2.0
Taiyo Yuden
408.573.4150
www.t-yuden.com
CMD4D06-4R7
4.7
216
0.8
CMD4D06-6R8
6.8
296
0.8
CLQ4D10-4R7
4.7
162
1.2
CLQ4D10-6R8
6.8
195
1.2
Sumida
847.956.0666
www.sumida.com
CAPACITOR SELECTION
Low ESR (equivalent series resistance) capacitors
should be used at the output to minimize the output
ripple voltage. The low ESR and small package options
available with multilayer ceramic capacitors make them
excellent choices. The X5R and X7R capacitor types
are preferred because they retain their capacitance
over wider voltage and temperature ranges than the
Y5V or Z5U types. A 1.0µF or 2.2µF output capacitor is
recommended for most applications.
The voltage rating of the output capacitor C2 depends
on the number of LEDs driven in series. A 10V
ceramic capacitor is recommended when driving two
LEDs. A 16V ceramic capacitor is recommended
when driving 3 or 4 LEDs.
Table 2: Ceramic Capacitor Manufacturers
Supplier
Phone
Web
Taiyo Yuden 408.573.4150
www.t-yuden.com
Murata
814.237.1431
www.murata.com
Kemet
408.986.0424
www.kemet.com
Low profile ceramic capacitors with a 1mm maximum
height/thickness are available for designs height
requirements. Ceramic capacitors also make a good
choice for the input capacitor, which should be
mounted as close as possible to the CAT32. A 2.2µF
or 4.7µF input capacitor is recommended. Table 2
shows
a
list
of
several
ceramic
capacitor
manufacturers. Consult the manufacturers for detailed
information as new products and package options are
introduced regularly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com