Electronic Components Datasheet Search
  English  ▼

X  

DFR0547 Datasheet(PDF) 8 Page - DFROBOT

Part # DFR0547
Description  LattePanda 2 Alpha 864s (Win10 Pro activated)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0547 Datasheet(HTML) 8 Page - DFROBOT

  DFR0547 Datasheet HTML 1Page - DFROBOT DFR0547 Datasheet HTML 2Page - DFROBOT DFR0547 Datasheet HTML 3Page - DFROBOT DFR0547 Datasheet HTML 4Page - DFROBOT DFR0547 Datasheet HTML 5Page - DFROBOT DFR0547 Datasheet HTML 6Page - DFROBOT DFR0547 Datasheet HTML 7Page - DFROBOT DFR0547 Datasheet HTML 8Page - DFROBOT DFR0547 Datasheet HTML 9Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Comparison Tables
SPECIFICATION
• CPU: Intel Core m3-8100y
• Core: 1.1-3.4GHz Dual-Core, Four-Thread
• Benchmark (PassMark): Up to 4128, double computing power compared
with same price range products in the market
• Graphics: Intel HD Graphics 615, 300-900MHz
• RAM: 8GB LPDDR3
• External Memory:
1x M.2 M Key, PCIe 4x, Supports NVMe SSD
and SATA SSD
1x M.2 E Key, PCIe 2x,Supports USB2.0, UART, PCM
• Connectivity:
WIFI 802.11 AC, 2.4G & 5G
Dual-Band Bluetooth 4.2
Gigabit Ethernet
• USB Ports:
3x USB 3.0 Type A
1x USB Type C, supports PD, DP, USB 3.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com