Electronic Components Datasheet Search
  English  ▼

X  

DFR0547 Datasheet(PDF) 9 Page - DFROBOT

Part # DFR0547
Description  LattePanda 2 Alpha 864s (Win10 Pro activated)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT

DFR0547 Datasheet(HTML) 9 Page - DFROBOT

  DFR0547 Datasheet HTML 1Page - DFROBOT DFR0547 Datasheet HTML 2Page - DFROBOT DFR0547 Datasheet HTML 3Page - DFROBOT DFR0547 Datasheet HTML 4Page - DFROBOT DFR0547 Datasheet HTML 5Page - DFROBOT DFR0547 Datasheet HTML 6Page - DFROBOT DFR0547 Datasheet HTML 7Page - DFROBOT DFR0547 Datasheet HTML 8Page - DFROBOT DFR0547 Datasheet HTML 9Page - DFROBOT  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
• Display:
HDMI Output
Type-C DP Support
Extendable eDP touch displays
• Co-processor: Arduino Leonardo
• GPIO & Other Features: 2x 50p GPIOs including I2C, I2S, USB, RS232,
UART, RTC, Power Management, Extendable power button, everything you
need
• OS Support:
Windows 10 Pro
Linux Ubuntu
• Dimension: 115mm * 78mm * 14 mm
DOCUMENTS
• LattePanda official community
• LattePanda Documentation
• FAQ
• FCC/CE Certifications
• Tutorial: Install Linux
• Tutorial: Adjust Cooling Fan
SHIPPING LIST
•
LattePanda Alpha 864s (Win10 Pro activated) x1
•
Active cooling fan (Assembled) x1
•
45w PD Power adapter (with EU & US standard power cord) x1
•
Dual-band antenna x2
•
RTC Battery (Assembled)x 1
•
User Manual x 1



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com