Electronic Components Datasheet Search
  English  ▼

X  

01-030.005 Datasheet(PDF) 21 Page - EAO AG.

Part # 01-030.005
Description  Switches and Indicators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

01-030.005 Datasheet(HTML) 21 Page - EAO AG.

Back Button 01-030.005 Datasheet HTML 13Page - EAO AG. 01-030.005 Datasheet HTML 14Page - EAO AG. 01-030.005 Datasheet HTML 15Page - EAO AG. 01-030.005 Datasheet HTML 16Page - EAO AG. 01-030.005 Datasheet HTML 17Page - EAO AG. 01-030.005 Datasheet HTML 18Page - EAO AG. 01-030.005 Datasheet HTML 19Page - EAO AG. 01-030.005 Datasheet HTML 20Page - EAO AG. 01-030.005 Datasheet HTML 21Page - EAO AG.  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
Marking
01
33
01.2000
01
1. Engraving
Typefaces
In addition to the most commomly used world
languages (see DIN 1451) with close spacing,
the following typefaces are available: Scandi-
navian, Slavian, Greek, Russian.
Coloured filling of engraving
Specify whether engraving should be on the
diffuser, or on the lens.
Specify the infill colour, character height and
the text or symbol orientation.
Symbols
A list of the symbols available can be supplied
on request.
2. Hot stamping
For large batches it is worth while to have the
lettering produced by hot stamping.
Typefaces
For letters and figures, typefaces with 2,5 mm,
3 mm and 4 mm are available..
Symbols
A list of the symbols available can be supplied
on request.
3. Film inserts
Instead of using engraving, the lenses can be
fitted with transparent film inserts.
For this purpose, though, it is advisable to use
transparent lenses.When a smoked lens is
used, the lettering does not become visible
until the lens lights.
To insert the film, the feet of the lens support
have to be pushed together far enough to en-
able the lens to be lifted off easily.
Film dimensions
max. 10,2 x 16,2 mm
10,2 x 10,2 mm
12,8 mm
Film thickness 0,2 mm
Important!
Before engraving, check the position of the il-
luminated pushbuttons or indicator.
Horizontal mounting
Vertical mounting
h
s
(caps)
(small)
(caps)
(small)
(caps)
(small)
(caps)
(small)
2,5
0,4
3
10
10-11
4
6-7
7
3
6
6
3
6-7
7
3
0,4
2
8-9
9
4
5-6
6
2
5
6
2
5-6
6
4
0,5
26
6-7
3
4
4
2
3
42
4
4
5
0,5
15
5-6
2
3
3-4
1
2
31
3
3-4
6
0,6
1
4
4-5
1
2-3
3
1
2
2
1
2-3
3
8
0,6
13
3-4
1
2
2
1
2
21
2
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com