Electronic Components Datasheet Search
  English  ▼

X  

01-030.005 Datasheet(PDF) 13 Page - EAO AG.

Part # 01-030.005
Description  Switches and Indicators
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EAO [EAO AG.]
Direct Link  https://eao.com/
Logo EAO - EAO AG.

01-030.005 Datasheet(HTML) 13 Page - EAO AG.

Back Button 01-030.005 Datasheet HTML 9Page - EAO AG. 01-030.005 Datasheet HTML 10Page - EAO AG. 01-030.005 Datasheet HTML 11Page - EAO AG. 01-030.005 Datasheet HTML 12Page - EAO AG. 01-030.005 Datasheet HTML 13Page - EAO AG. 01-030.005 Datasheet HTML 14Page - EAO AG. 01-030.005 Datasheet HTML 15Page - EAO AG. 01-030.005 Datasheet HTML 16Page - EAO AG. 01-030.005 Datasheet HTML 17Page - EAO AG. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Technical Data
01
25
01.2000
0
switching system
Self-cleaning, double-break, snap action switching system. (with
contact gap 2 x 0.5 mm).
1 normally closed or 1 normally open contact per element.
snap-action switching elements with soldering terminals at the
sides: up to 4 switching element can be on a pushbutton (max. 4
normally closed and 4 normally open contacts).
snap-action switching element with axial plug-in terminals 2,8 mm
not stachable, only 1 switching element can be on a pushbutton.
material
actuator case
polyphenylene PPO, self-extinguishing
material of contacts
gold-plated silver
switching element
axial plug-in-/soldering terminal 2.8 mm:
diallyl phthalate DAP, polyamide 66, polysulfone, heat-resistant
and self-extinguishing
soldering terminal: PA 6.6 Ultramid
mechanical characteristics
actuating force
2-5.5 N, depending on the number of switching elements
actuating travel
3mm
ambient air temperature
-25°C to +55°C
for indicators and illuminated pushbuttons mounted as a block ,
make sure the heat can escape freely
(as per DIN IEC 68-)
connection method
snap-action switching element with tinned soldering terminals at
the sides:
max. wire diameter: 2 wires of 1.2 mm
max. wire cross-section of stranded cable: 1x 1 mm2.
snap-action switching element with axial plug-in terminals, which
can also be used as soldering terminals:
plug-in terminal: 2.8 x 0.5 mm
soldering terminal:
max. wire diameter: 2 wires of 1 mm2
max. wire cross-section of stranded cable: 2 x 0.75 mm2 or 1 x 1.0
mm2
degree of protection
front as per IEC 529:
IP 40
IP 67 with spray cover
mechanical life
momentary action 2 million cycles of operation
maintained action 1 million cycles of operation
rebound time
<= 5ms
resistance to climate
standard condition as per IEC 68-2-3 and 2-30
changing condition as per IEC 68-2-14 and 2-33
resistance to shock
(single impacts, semi-sinusoidal)
15 g for 11 ms as per IEC 512-4-3, IEC 68-2-27
actuator with snap-action switching element
resistance to vibration
(sinusoidal)
10 g at 0-2000 Hz, amplitude 1.5 mm as per IEC 512-4-4, IEC 68-
2-6
storage temperature
-40°C to + 85°C
(as per DIN IEC 68-)
electrical characteristics
continuous thermal current lth2
5A
The maximum current in continuous operation and at ambient tem-
perature not exceeding the quoted maximum values.
electric strength
2500 VAC, 50 Hz, 1 min. between all terminals and earth, as per IC
512-2-11.
protection class
II
rated current
5A
rated voltage
250 VAC/VDC
switch rating
250 VAC/5 A (cos
ϕ 1)
250 VAC/3 A (cos
ϕ 0.3)
switch rating AC, cos
ϕ 0,7:
voltage
125 V
250 V
current
3 A
2 A
switch rating DC (inductive), L:R = 30 ms:
voltage
24 V
60 V
110 V
220 V
current
2 A
0,7 A
0,2 A
0,1 A
volume resistance
starting value (initial) <= 50 m
Ω
rules
IEC 1058 EN 61 058
approvals
- SEV 250 VAC/5A
- CSA 300 VAC
-UL
switching system
This low level switching element was designed for switching low
powers in electronic circuits. The mechanism assures reliable
switching of loads ranging from a few
µA/µVupto100 mA/42VAC/
VDC.
Single-break momentary contact, as normally open or normally
closed with 4 independent points of contact. 2 momentary contacts
per switching element; combination of normally open and normally
closed is possible.
Special features are the long life, extremely short rebound time and
stable contact resistance.
material
actuator case
polyphenylene PPO, self-extinguishing
material of contacts
gold-plated
actuator with Low Level switching element



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com