Electronic Components Datasheet Search
  English  ▼

X  

AD1582 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1582
Description  2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1582 Datasheet(HTML) 4 Page - Analog Devices

  AD1582 Datasheet HTML 1Page - Analog Devices AD1582 Datasheet HTML 2Page - Analog Devices AD1582 Datasheet HTML 3Page - Analog Devices AD1582 Datasheet HTML 4Page - Analog Devices AD1582 Datasheet HTML 5Page - Analog Devices AD1582 Datasheet HTML 6Page - Analog Devices AD1582 Datasheet HTML 7Page - Analog Devices AD1582 Datasheet HTML 8Page - Analog Devices AD1582 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
AD1582/AD1583/AD1584/AD1585
Data Sheet
Rev. M | Page 4 of 17
SPECIFICATIONS
AD1582 SPECIFICATIONS
TA = TMIN to TMAX, VIN = 5 V, unless otherwise noted.
Table 2.
AD1582A
AD1582B
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
OUTPUT VOLTAGE (at 25°C)
VO
2.480
2.500
2.520
2.498
2.500
2.502
V
INITIAL ACCURACY ERROR (at 25°C)
VOERR
−20
+20
−2
+2
mV
−0.80
+0.80
−0.08
+0.08
%
VOERR (W-Grade)
−6
+6
mV
−0.24
+0.24
%
OUTPUT VOLTAGE TEMPERATURE DRIFT
100
50
ppm/°C
TEMPERATURE COEFFICIENT (TCVO)
−40°C < TA < +125°C
40
100
18
50
ppm/°C
0°C < TA < 70°C
35
15
ppm/°C
MINIMUM SUPPLY HEADROOM (VIN − VOUT)
200
200
mV
LOAD REGULATION
0 mA < IOUT < 5 mA (−40°C to +85°C)
0.2
0.2
mV/mA
0 mA < IOUT < 5 mA (−40°C to +125°C)
0.4
0.4
mV/mA
−5 mA < IOUT < 0 mA (−40°C to +85°C)
0.25
0.25
mV/mA
−5 mA < IOUT < 0 mA (−40°C to +125°C)
0.45
0.45
mV/mA
−0.1 mA < IOUT < +0.1 mA (−40°C to +85°C)
2.7
2.7
mV/mA
−0.1 mA < IOUT < +0.1 mA (−40°C to +125°C)
3.5
3.5
mV/mA
LINE REGULATION
VOUT + 200 mV < VIN < 12 V
IOUT = 0 mA
25
25
µV/V
RIPPLE REJECTION (ΔVOUT/ΔVIN)
VIN = 5 V ± 100 mV (f = 120 Hz)
80
80
dB
QUIESCENT CURRENT
70
70
µA
SHORT-CIRCUIT CURRENT TO GROUND
15
15
mA
NOISE VOLTAGE (at 25°C)
0.1 Hz to 10 Hz
70
70
µV p-p
10 Hz to 10 kHz
50
50
µV rms
TURN-ON SETTLING TIME TO 0.1%
CL = 0.2 µF
100
100
µs
LONG-TERM STABILITY
1000 Hours at 25°C
100
100
ppm/1000 hr
OUTPUT VOLTAGE HYSTERESIS
115
115
ppm
TEMPERATURE RANGE
Specified Performance (A, B)
−40
+125
−40
+125
°C
Operating Performance (A, B)
−55
+125
−55
+125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com