Electronic Components Datasheet Search
  English  ▼

X  

AD1582 Datasheet(PDF) 15 Page - Analog Devices

Part # AD1582
Description  2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1582 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD1582 Datasheet HTML 9Page - Analog Devices AD1582 Datasheet HTML 10Page - Analog Devices AD1582 Datasheet HTML 11Page - Analog Devices AD1582 Datasheet HTML 12Page - Analog Devices AD1582 Datasheet HTML 13Page - Analog Devices AD1582 Datasheet HTML 14Page - Analog Devices AD1582 Datasheet HTML 15Page - Analog Devices AD1582 Datasheet HTML 16Page - Analog Devices AD1582 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
Data Sheet
AD1582/AD1583/AD1584/AD1585
Rev. M | Page 15 of 17
0.22µF
0.22µF
0V OR 10V
0V TO 10V
10kΩ
10kΩ
DUT
VOUT
5V OR 10V
0V OR 5V
Figure 22. Turn-On/Transient Response Test Circuit
10
0%
100
5V
1V
20µs
20µs
90
Figure 23. Turn-On Characteristics
10
0%
100
5V
1mV
20µs
20µs
90
Figure 24. Turn-On Settling
DYNAMIC PERFORMANCE
Many ADCs and DACs present transient current loads to the
reference and poor reference response can degrade converter
performance. The AD1582/AD1583/AD1584/AD1585 provide
superior static and dynamic line and load regulation. Because
these series references are capable of both sourcing and sinking
large current loads, they exhibit excellent settling characteristics.
Figure 25 displays the line transient response for the AD1582/
AD1583/AD1584/AD1585. The circuit used to perform such
a measurement is shown in Figure 22, where the input supply
voltage is toggled from 5 V to 10 V, and the input and output
capacitors are each 0.22 μF.
Figure 26 and Figure 27 show the load transient settling cha-
racteristics for the AD1582/AD1583/AD1584/AD1585 when
load current steps of 0 mA to +5 mA and 0 mA to −1 mA are
applied. The input supply voltage remains constant at 5 V; the
input decoupling and output load capacitors are 4.7 μF and 1 μF,
respectively; and the output current is toggled. For both positive
and negative current loads, the reference responses settle very
quickly and exhibit initial voltage spikes of less than 10 mV.
10
0%
100
90
5V
200mV
50µs
50µs
Figure 25. Line Transient Response
10
0%
100
5V
5mV
90
20µs
20µs
Figure 26. Load Transient Response (0 mA to 5 mA Load)
0%
100
90
5V
20µs
20µs
5mV
10
Figure 27. Load Transient Response (0 mA to −1 mA Load)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com