Electronic Components Datasheet Search
  English  ▼

X  

AD1583 Datasheet(PDF) 10 Page - Analog Devices

Part # AD1583
Description  2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1583 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1583 Datasheet HTML 6Page - Analog Devices AD1583 Datasheet HTML 7Page - Analog Devices AD1583 Datasheet HTML 8Page - Analog Devices AD1583 Datasheet HTML 9Page - Analog Devices AD1583 Datasheet HTML 10Page - Analog Devices AD1583 Datasheet HTML 11Page - Analog Devices AD1583 Datasheet HTML 12Page - Analog Devices AD1583 Datasheet HTML 13Page - Analog Devices AD1583 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AD1582/AD1583/AD1584/AD1585
Data Sheet
Rev. M | Page 10 of 17
TYPICAL PERFORMANCE CHARACTERISTICS
6
0
14
8
4
2
12
10
22
16
20
18
ppm/°C
–60 –50 –40 –30 –20 –10
0
10
20
30
40
50
Figure 3. Typical Output Voltage Temperature Drift Distribution
50
15
0
45
20
10
5
35
25
40
30
VOUT (ERROR)
1.0%
0.6%
0.2%
–0.2%
–0.6%
–1.0%
Figure 4. Typical Output Voltage Error Distribution
2.504
2.502
2.494
2.492
2.490
2.488
2.500
2.496
2.498
TEMPERATURE (°C)
–40
0
–20
20
40
60
80
100
120
DEVICE 1
DEVICE 2
DEVICE 3
Figure 5. Typical Temperature Drift Characteristic Curves
0
0.25
0.20
0.15
0.10
0.35
0.30
0.40
0.05
02
4
68
10
12
VIN (V)
AD1585
AD1582
Figure 6. Load Regulation vs. VIN
–20
–40
–60
–80
–70
–30
–50
0
–90
–10
AD1585
AD1582
IOUT (mA)
–5
–4
–3
–2
–1
0
1
2
3
4
5
Figure 7. Line Regulation vs. ILOAD
10k
1k
100
10
100
1k
10k
100k
FREQUENCY (Hz)
IOUT = 1mA
IOUT = 0mA
Figure 8. Noise Spectral Density



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com