Electronic Components Datasheet Search
  English  ▼

X  

AD1583 Datasheet(PDF) 17 Page - Analog Devices

Part # AD1583
Description  2.5 V to 5.0 V Micropower, Precision Series Mode Voltage References
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1583 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD1583 Datasheet HTML 9Page - Analog Devices AD1583 Datasheet HTML 10Page - Analog Devices AD1583 Datasheet HTML 11Page - Analog Devices AD1583 Datasheet HTML 12Page - Analog Devices AD1583 Datasheet HTML 13Page - Analog Devices AD1583 Datasheet HTML 14Page - Analog Devices AD1583 Datasheet HTML 15Page - Analog Devices AD1583 Datasheet HTML 16Page - Analog Devices AD1583 Datasheet HTML 17Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
Data Sheet
AD1582/AD1583/AD1584/AD1585
Rev. M | Page 17 of 17
ORDERING GUIDE
Model1,2
Output
Voltage (V)
Accuracy (mV)
Initial
Accuracy (%)
Initial Temperature
Coefficient (ppm/°C)
Package
Description
Package
Option
Marking
Code
No. of
Parts
Banding
per Reel
AD1582ARTZ-REEL7
2.50
20
0.80
100
SOT-23-3
RT-3
R1Z
3,000
AD1582BRTZ-REEL7
2.50
2
0.08
50
SOT-23-3
RT-3
R20
3,000
AD1582WBRTZ-R7
2.50
6
0.24
50
SOT-23-3
RT-3
R20
3,000
AD1583ARTZ-REEL7
3.00
30
1.00
100
SOT-23-3
RT-3
R22
3,000
AD1583BRTZ-REEL7
3.00
3
0.10
50
SOT-23-3
RT-3
R23
3,000
AD1583WBRTZ-R7
3.00
8
0.27
50
SOT-23-3
RT-3
R23
3,000
AD1584ARTZ-REEL7
4.096
40
0.98
100
SOT-23-3
RT-3
R25
3,000
AD1584BRTZ-REEL7
4.096
4
0.10
50
SOT-23-3
RT-3
R26
3,000
AD1585ARTZ-REEL7
5.00
50
1.00
100
SOT-23-3
RT-3
R28
3,000
AD1585BRTZ-REEL7
5.00
5
0.10
50
SOT-23-3
RT-3
R29
3,000
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE APPLICATIONS
The AD1582W and AD1583W models are available with controlled manufacturing to support the quality and reliability requirements of
automotive applications. Note that these models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.
©1997–2019 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D00701-0-5/19(M)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com