Electronic Components Datasheet Search
  English  ▼

X  

ADF4206 Datasheet(PDF) 12 Page - Analog Devices

Part # ADF4206
Description  Dual RF PLL Frequency Synthesizers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4206 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADF4206 Datasheet HTML 8Page - Analog Devices ADF4206 Datasheet HTML 9Page - Analog Devices ADF4206 Datasheet HTML 10Page - Analog Devices ADF4206 Datasheet HTML 11Page - Analog Devices ADF4206 Datasheet HTML 12Page - Analog Devices ADF4206 Datasheet HTML 13Page - Analog Devices ADF4206 Datasheet HTML 14Page - Analog Devices ADF4206 Datasheet HTML 15Page - Analog Devices ADF4206 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADF4206/ADF4208
Rev. A | Page 12 of 24
CONTROL
MUX
DVDD
MUXOUT
DGND
RF2 ANALOG LOCK DETECT
RF2 R COUNTER OUTPUT
RF2 N COUNTER OUTPUT
RF2/RF1 ANALOG LOCK DETECT
RF1 R COUNTER OUTPUT
RF1 N COUNTER OUTPUT
RF1 ANALOG LOCK DETECT
PHASE FREQUENCY DETECTOR (PFD) AND
CHARGE PUMP
The PFD takes inputs from the R counter and N counter (N =
BP + A) and produces an output proportional to the phase and
frequency difference between them. Figure 25 is a simplified
schematic.
DELAY
ELEMENT
U3
CLR2
Q2
D2
U2
CLR1
Q1
D1
CHARGE
PUMP
DOWN
UP
HI
HI
U1
R DIVIDER
N DIVIDER
CP OUTPUT
R DIVIDER
N DIVIDER
CP
CPGND
VP
Figure 26. MUXOUT Circuit
LOCK DETECT
MUXOUT can be programmed for analog lock detect. The
N-channel open-drain analog lock detect is operated with an
external pull-up resistor of 10 kΩ nominal. When lock is
detected, it is high with narrow, low going pulses.
INPUT SHIFT REGISTER
The functional block diagram for the ADF420x family is shown
in Figure 1. The main blocks include a 22-bit input shift register,
a 14-bit R counter, and a 17-bit N counter, comprising a 6-bit
A counter and an 11-bit B counter. Data is clocked into the
22-bit shift register on each rising edge of CLK. The data is
clocked in MSB first. Data is transferred from the shift register
to one of four latches on the rising edge of LE. The destination
latch is determined by the state of the two control bits (C2, C1)
in the shift register. These are the two LSBs (DB1, DB0) as
shown in the timing diagram of Figure 2.
Table 5 is the truth table for these bits.
Table 5. C2, C1 Truth Table
Figure 25. PFD Simplified Schematic and Timing (In Lock)
The PFD includes a delay element that sets the width of the
antibacklash phase. The typical value for this in the ADF420x
family is 3 ns. The pulse ensures that there is no dead zone in
the PFD transfer function and minimizes phase noise and
reference spurs.
Control Bits
C2
C1
Data Latch
0
0
RF2 R counter
0
1
RF2 AB counter (and prescaler select)
1
0
RF1 R counter
1
1
RF1 AB counter (and prescaler select)
MUXOUT AND LOCK DETECT
The output multiplexer on the ADF4206 family allows the user
to access various internal points on the chip. The state of
MUXOUT is controlled by P3, P4, P11, and P12. See Figure 28
and Figure 30. Figure 26 shows the MUXOUT circuit in block
diagram form.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com